Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MEC1322 Datasheet(PDF) 355 Page - Microchip Technology

Part # MEC1322
Description  Keyboard and Embedded Controller for Notebook PC
PDF  456 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MEC1322 Datasheet(HTML) 355 Page - Microchip Technology

Back Button MEC1322 Datasheet HTML 351Page - Microchip Technology MEC1322 Datasheet HTML 352Page - Microchip Technology MEC1322 Datasheet HTML 353Page - Microchip Technology MEC1322 Datasheet HTML 354Page - Microchip Technology MEC1322 Datasheet HTML 355Page - Microchip Technology MEC1322 Datasheet HTML 356Page - Microchip Technology MEC1322 Datasheet HTML 357Page - Microchip Technology MEC1322 Datasheet HTML 358Page - Microchip Technology MEC1322 Datasheet HTML 359Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 355 / 456 page
background image
 2014 - 2015 Microchip Technology Inc.
DS00001719D-page 355
MEC1322
30.11.1
KSO SELECT REGISTER
TABLE 30-7: EC-ONLY REGISTER SUMMARY
Offset
Register Name
0h
Reserved
4h
KSO Select Register
8h
KSI INPUT Register
Ch
KSI STATUS Register
10h
KSI INTERRUPT ENABLE Register
14h
Keyscan Extended Control Register
Offset
04h
Bits
Description
Type
Default
Reset
Event
31:4 Reserved
R
-
-
7 KSO_INVERT
This bit controls the output level of KSO pins when selected.
0= KSO[x] driven low when selected
1= KSO[x] driven high when selected.
R/W
0b
VCC1_R
ESET
6 KSEN
This field enables and disables keyboard scan
0= Keyboard scan enabled
1= Keyboard scan disabled. All KSO output buffers disabled.
R/W
1h
VCC1_R
ESET
5 KSO_ALL
0=When key scan is enabled, KSO output controlled by the KSO_SE-
LECT field.
1=KSO[x] driven high when selected.
R/W
0b
VCC1_R
ESET
4:0 KSO_SELECT
This field selects a KSO line (00000b = KSO[0] etc.) for output
according to the value off KSO_INVERT in this register. See
Table 30-8, "KSO Select Decode"
R/W
0h
VCC1_R
ESET
TABLE 30-8:
KSO SELECT DECODE
KSO Select [4:0]
KSO Selected
00h
KSO00
01h
KSO01
02h
KSO02
03h
KSO03
04h
KSO04
05h
KSO05
06h
KSO06
07h
KSO07
08h
KSO08
09h
KSO09
0Ah
KSO10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com