Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MEC1322 Datasheet(PDF) 353 Page - Microchip Technology

Part # MEC1322
Description  Keyboard and Embedded Controller for Notebook PC
PDF  456 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MEC1322 Datasheet(HTML) 353 Page - Microchip Technology

Back Button MEC1322 Datasheet HTML 349Page - Microchip Technology MEC1322 Datasheet HTML 350Page - Microchip Technology MEC1322 Datasheet HTML 351Page - Microchip Technology MEC1322 Datasheet HTML 352Page - Microchip Technology MEC1322 Datasheet HTML 353Page - Microchip Technology MEC1322 Datasheet HTML 354Page - Microchip Technology MEC1322 Datasheet HTML 355Page - Microchip Technology MEC1322 Datasheet HTML 356Page - Microchip Technology MEC1322 Datasheet HTML 357Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 353 / 456 page
background image
 2014 - 2015 Microchip Technology Inc.
DS00001719D-page 353
MEC1322
30.10 Description
During scanning the firmware sequentially drives low one of the rows (KSO[17:0]) and then reads the column data line
(KSI[7:0]). A key press is detected as a zero in the corresponding position in the matrix. Keys that are pressed are
debounced by firmware. Once confirmed, the corresponding keycode is loaded into host data read buffer in the 8042
Host Interface module. Firmware may need to buffer keycodes in memory in case this interface is stalled or the host
requests a Resend.
30.10.1
INITIALIZATION OF KSO PINS
If the Keyboard Scan Interface is not configured for PREDRIVE Mode, KSO pins should be configured as open-drain
outputs. Internal or external pull-ups should be used so that the GPIO functions that share the pins do not have a floating
input when the KSO pins are tri-stated.
If the Keyboard Scan Interface is configured for PREDRIVE Mode, KSO pins must be configured as push-pull outputs.
Internal or external pull-ups should be used to protect the GPIO inputs associated with the KSO pins from floating inputs.
30.10.2
PREDRIVE MODE
There is an optional Predrive Mode that can be enabled to actively drive the KSO pins high before switching to open-
drain operation. The PREDRIVE ENABLE bit in the Keyscan Extended Control Register is used to enable the PRE-
DRIVE option. Timing for the Predive mode is shown in Section 38.9, Keyboard Scan Matrix Timing.
30.10.2.1
Predrive Mode Programming
The following precautions should be taken to prevent output pad damage during Predrive Mode Programming.
FIGURE 30-2:
Keyboard Scan Interface Block Diagram
KSO
Select
Register
KSO[17:0]
KSI Input
and
Status
Registers
KSI[7:0]
KSI
Interrupt
Interface
Output
Decoder
KSC_INT
KSC_INT_WAKE
48MHz
VCC1_RESET
SPB
I/F
EC Bus



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com