Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MEC1322 Datasheet(PDF) 352 Page - Microchip Technology

Part # MEC1322
Description  Keyboard and Embedded Controller for Notebook PC
PDF  456 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MEC1322 Datasheet(HTML) 352 Page - Microchip Technology

Back Button MEC1322 Datasheet HTML 348Page - Microchip Technology MEC1322 Datasheet HTML 349Page - Microchip Technology MEC1322 Datasheet HTML 350Page - Microchip Technology MEC1322 Datasheet HTML 351Page - Microchip Technology MEC1322 Datasheet HTML 352Page - Microchip Technology MEC1322 Datasheet HTML 353Page - Microchip Technology MEC1322 Datasheet HTML 354Page - Microchip Technology MEC1322 Datasheet HTML 355Page - Microchip Technology MEC1322 Datasheet HTML 356Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 352 / 456 page
background image
MEC1322
DS00001719D-page 352
 2014 - 2015 Microchip Technology Inc.
30.6
Host Interface
The registers defined for the Keyboard Scan Interface are accessible by the various hosts as indicated in Section 30.11,
"EC-Only Registers".
30.7
Power, Clocks and Reset
This section defines the Power, Clock, and Reset parameters of the block.
30.7.1
POWER DOMAINS
30.7.2
CLOCK INPUTS
30.7.3
RESETS
30.8
Interrupts
This section defines the Interrupt Sources generated from this block.
30.9
Low Power Modes
The Keyboard Scan Interface automatically enters a low power mode whenever it is not actively scanning the keyboard
matrix. The block is also placed in a low-power state when it is disabled by the KSEN bit. When the interface is in a low-
power mode it will not prevent the chip from entering a sleep state. When the interface is active it will inhibit the chip
sleep state until the interface has re-entered its low power mode.
TABLE 30-2:
POWER SOURCES
Name
Description
VCC1
The logic and registers implemented in this block are powered by this
power well.
TABLE 30-3:
CLOCK INPUTS
Name
Description
48 MHz Ring Oscillator
This is the clock source for Keyboard Scan Interface logic.
TABLE 30-4:
RESET SIGNALS
Name
Description
VCC1_RESET
This signal resets all the registers and logic in this block to their default
state.
TABLE 30-5:
EC INTERRUPTS
Source
Description
KSC_INT
Interrupt request to the Interrupt Aggregator.
KSC_INT_WAKE
Wake-up request to the Interrupt Aggregator’s wake-up interface.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com