Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MEC1322 Datasheet(PDF) 349 Page - Microchip Technology

Part # MEC1322
Description  Keyboard and Embedded Controller for Notebook PC
PDF  456 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MEC1322 Datasheet(HTML) 349 Page - Microchip Technology

Back Button MEC1322 Datasheet HTML 345Page - Microchip Technology MEC1322 Datasheet HTML 346Page - Microchip Technology MEC1322 Datasheet HTML 347Page - Microchip Technology MEC1322 Datasheet HTML 348Page - Microchip Technology MEC1322 Datasheet HTML 349Page - Microchip Technology MEC1322 Datasheet HTML 350Page - Microchip Technology MEC1322 Datasheet HTML 351Page - Microchip Technology MEC1322 Datasheet HTML 352Page - Microchip Technology MEC1322 Datasheet HTML 353Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 349 / 456 page
background image
 2014 - 2015 Microchip Technology Inc.
DS00001719D-page 349
MEC1322
Changing values in the PS2 CONTROL REGISTER at a rate faster than 2 MHz, may result in unpredictable behavior.
29.15.4
PS2 STATUS REGISTER
Offset
08h
Bits
Description
Type
Default
Reset
Event
31:8 Reserved
R
-
-
7 XMIT_START_TIMEOUT
Transmit Start Timeout.
0=No transmit start timeout detected
1=A start bit was not received within 25 ms following the transmit
start event. The transmit start bit time-out condition is also indicated
by the XMIT_TIMEOUT bit.
R/WC
0h
VCC1_R
ESET
6 RX_BUSY
Receive Channel Busy.
0=The channel is actively receiving PS/2 data
1=The channel is idle
R
0h
VCC1_R
ESET
5 XMIT_TIME_OUT
Transmitter Idle.
When the XMIT_TIMEOUT bit is set, the PS2_T/R bit is held clear,
the PS/2 channel’s CLK line is pulled low for a minimum of 300μs
until the PS/2 Status register is read. The XMIT_TIMEOUT bit is set
on one of three transmit conditions: when the transmitter bit time
(the time between falling edges) exceeds 300μs, when the transmit-
ter start bit is not received within 25ms from signaling a transmit start
event or if the time from the first bit (start) to the 10th bit (parity)
exceeds 2ms
R/WC
0h
VCC1_R
ESET
4XMIT_IDLE
Transmitter Idle.
0=The channel is actively transmitting PS/2 data. Writing the PS2
Transmit Buffer Register will cause the XMIT_IDLE bit to clear
1=The channel is not transmitting. This bit transitions from ‘0’ to ‘1’ in
the following cases:
The falling edge of the 11th CLK
XMIT_TIMEOUT is set
The PS2_T/R bit is cleared
The PS2_EN bit is cleared.
A low to high transition on this bit generates a PS2 Activity interrupt.
R
0h
VCC1_R
ESET
3FE
Framing Error
When receiving data, the stop bit is clocked in on the falling edge of
the 11th CLK edge. If the channel is configured to expect either a
high or low stop bit and the 11th bit is contrary to the expected stop
polarity, then the FE and REC_TIMEOUT bits are set following the
falling edge of the 11th CLK edge and an interrupt is generated.
R/WC
0h
VCC1_R
ESET



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com