Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MEC1322 Datasheet(PDF) 345 Page - Microchip Technology

Part # MEC1322
Description  Keyboard and Embedded Controller for Notebook PC
PDF  456 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MEC1322 Datasheet(HTML) 345 Page - Microchip Technology

Back Button MEC1322 Datasheet HTML 341Page - Microchip Technology MEC1322 Datasheet HTML 342Page - Microchip Technology MEC1322 Datasheet HTML 343Page - Microchip Technology MEC1322 Datasheet HTML 344Page - Microchip Technology MEC1322 Datasheet HTML 345Page - Microchip Technology MEC1322 Datasheet HTML 346Page - Microchip Technology MEC1322 Datasheet HTML 347Page - Microchip Technology MEC1322 Datasheet HTML 348Page - Microchip Technology MEC1322 Datasheet HTML 349Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 345 / 456 page
background image
 2014 - 2015 Microchip Technology Inc.
DS00001719D-page 345
MEC1322
device always provides the clock for transmit and receive operations. The serial packet is made up of eleven bits, listed
in the order they appear on the data line: start bit, eight data bits (least significant bit first), odd parity, and stop bit. Each
bit cell is from 60
μS to 100μS long.
All PS/2 Serial Channel signals (PS2CLK and PS2DAT) are driven by open drain drivers which can be pulled to VCC1
or the main power rail (+3.3V nominal) through 10K-ohm resistors.
The PS/2 controller supports a PS/2 Wake Interface that can wake the EC from the IDLE or SLEEP states. The Wake
Interface can generate wake interrupts without a clock. The PS/2 Wake Interface is only active when the peripheral
device and external pull-up resisters are powered by the VCC1 supply.
There are no special precautions to be taken to prevent back drive of a PS/2 peripheral powered by the main power well
when the power well is off, as long as the external 10K pull-up resistor is tied to the same power source as the peripheral.
29.11 Block Diagram
29.12 PS/2 Port Physical Layer Byte Transmission Protocol
The PS/2 physical layer transfers a byte of data via an eleven bit serial stream as shown in Table 29-6. A logic 1 is sent
at an active high level. Data sent from a Keyboard or mouse device to the host is read on the falling edge of the clock
signal. The Keyboard or mouse device always generates the clock signal. The Host may inhibit communication by pull-
ing the Clock line low. The Clock line must be continuously high for at least 50 microseconds before the Keyboard or
mouse device can begin to transmit its data. See Table 29-7, "PS/2 Port Physical Layer Bus States".
FIGURE 29-2:
PORT PS/2 BLOCK DIAGRAM
TABLE 29-6:
PS/2 PORT PHYSICAL LAYER BYTE TRANSMISSION PROTOCOL
Bit
Function
1
Start bit (always 0)
2
Data bit 0 (least significant bit)
3
Data bit 1
4
Data bit 2
5
Data bit 3
6
Data bit 4
7
Data bit 5
8
Data bit 6
9
Data bit 7 (most significant bit)
10
Parity bit (odd parity)
11
Stop Bit (always 1)
Control
Registers
PS2DAT
PS2CLK
PS/2
Channel
State
Machine
EC I/F
PS2_x
interrupt
48MHz
2 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com