Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MEC1322 Datasheet(PDF) 344 Page - Microchip Technology

Part # MEC1322
Description  Keyboard and Embedded Controller for Notebook PC
PDF  456 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MEC1322 Datasheet(HTML) 344 Page - Microchip Technology

Back Button MEC1322 Datasheet HTML 340Page - Microchip Technology MEC1322 Datasheet HTML 341Page - Microchip Technology MEC1322 Datasheet HTML 342Page - Microchip Technology MEC1322 Datasheet HTML 343Page - Microchip Technology MEC1322 Datasheet HTML 344Page - Microchip Technology MEC1322 Datasheet HTML 345Page - Microchip Technology MEC1322 Datasheet HTML 346Page - Microchip Technology MEC1322 Datasheet HTML 347Page - Microchip Technology MEC1322 Datasheet HTML 348Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 344 / 456 page
background image
MEC1322
DS00001719D-page 344
 2014 - 2015 Microchip Technology Inc.
29.6
Host Interface
The registers defined for the Keyboard Scan Interface are accessible by the various hosts as indicated in Section 29.15,
"EC-Only Registers".
29.7
Power, Clocks and Reset
This section defines the Power, Clock, and Reset parameters of the block.
29.7.1
POWER DOMAINS
29.7.2
CLOCK INPUTS
29.7.3
RESETS
29.8
Interrupts
This section defines the Interrupt Sources generated from this block.
29.9
Low Power Modes
The PS/2 Interface may be put into a low power state by the chip’s Power, Clocks, and Reset (PCR) circuitry.
The PS2 interface will only sleep while the PS2 is disabled or in Rx mode with no traffic on the bus.
29.10 Description
Each EC PS/2 serial channels use a synchronous serial protocol to communicate with the auxiliary device. Each PS/2
channel has Clock and Data signal lines. The signal lines are bi-directional and employ open drain outputs capable of
sinking 12m, as required by the PS/2 specification. A pull-up resistor, typically 10K, is connected to both lines. This
allows either the EC PS/2 logic or the auxiliary device to drive the lines. Regardless of the drive source, the auxiliary
TABLE 29-2:
POWER SOURCES
Name
Description
VCC1
The logic and registers implemented in this block are powered by this
power well.
TABLE 29-3:
CLOCK INPUTS
Name
Description
48 MHz Ring Oscillator
This is the clock source for PS/2 Interface logic.
2 MHz Clock
The PS/2 state machine is clocked using the 2 MHz clock.
TABLE 29-4:
RESET SIGNALS
Name
Description
VCC1_RESET
This signal resets all the registers and logic in this block to their default
state.
TABLE 29-5:
EC INTERRUPTS
Source
Description
PW2_x
Interrupt request to the Interrupt Aggregator for PS2 controller instance
x
, based on PS2 controller activity. Section 29.15.4, "PS2 Status
Register" defines the sources for the interrupt request.
PS2_x_WK
Wake-up request to the Interrupt Aggregator’s wake-up interface for PS2
port x.
In order to enable PS2 wakeup interrupts, the pin control registers for the
PS2DAT pin must be programmed to Input, Falling Edge Triggered, non-
inverted polarity detection.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com