Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MEC1322 Datasheet(PDF) 342 Page - Microchip Technology

Part # MEC1322
Description  Keyboard and Embedded Controller for Notebook PC
PDF  456 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MEC1322 Datasheet(HTML) 342 Page - Microchip Technology

Back Button MEC1322 Datasheet HTML 338Page - Microchip Technology MEC1322 Datasheet HTML 339Page - Microchip Technology MEC1322 Datasheet HTML 340Page - Microchip Technology MEC1322 Datasheet HTML 341Page - Microchip Technology MEC1322 Datasheet HTML 342Page - Microchip Technology MEC1322 Datasheet HTML 343Page - Microchip Technology MEC1322 Datasheet HTML 344Page - Microchip Technology MEC1322 Datasheet HTML 345Page - Microchip Technology MEC1322 Datasheet HTML 346Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 342 / 456 page
background image
MEC1322
DS00001719D-page 342
 2014 - 2015 Microchip Technology Inc.
19:16 UPDATE_INTERVAL4
The number of PWM periods between updates to current duty cycle
when the segment index is equal to 100b.
15=Wait 16 PWM periods
…
0=Wait 1 PWM period
R/W
0h
VCC1_
RESET
15:12 UPDATE_INTERVAL3
The number of PWM periods between updates to current duty cycle
when the segment index is equal to 011b.
15=Wait 16 PWM periods
…
0=Wait 1 PWM period
R/W
0h
VCC1_
RESET
11:8 UPDATE_INTERVAL2
The number of PWM periods between updates to current duty cycle
when the segment index is equal to 010b.
15=Wait 16 PWM periods
…
0=Wait 1 PWM period
R/W
0h
VCC1_
RESET
7:4 UPDATE_INTERVAL1
The number of PWM periods between updates to current duty cycle
when the segment index is equal to 001b.
15=Wait 16 PWM periods
…
0=Wait 1 PWM period
R/W
0h
VCC1_
RESET
3:0 UPDATE_INTERVAL0
The number of PWM periods between updates to current duty cycle
when the segment index is equal to 000b.
15=Wait 16 PWM periods
…
0=Wait 1 PWM period
R/W
0h
VCC1_
RESET
Offset
10h
Bits
Description
Type
Default
Reset
Event



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com