Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MEC1322 Datasheet(PDF) 338 Page - Microchip Technology

Part # MEC1322
Description  Keyboard and Embedded Controller for Notebook PC
PDF  456 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MEC1322 Datasheet(HTML) 338 Page - Microchip Technology

Back Button MEC1322 Datasheet HTML 334Page - Microchip Technology MEC1322 Datasheet HTML 335Page - Microchip Technology MEC1322 Datasheet HTML 336Page - Microchip Technology MEC1322 Datasheet HTML 337Page - Microchip Technology MEC1322 Datasheet HTML 338Page - Microchip Technology MEC1322 Datasheet HTML 339Page - Microchip Technology MEC1322 Datasheet HTML 340Page - Microchip Technology MEC1322 Datasheet HTML 341Page - Microchip Technology MEC1322 Datasheet HTML 342Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 338 / 456 page
background image
MEC1322
DS00001719D-page 338
 2014 - 2015 Microchip Technology Inc.
28.10.2
LED LIMITS REGISTER
This register may be written at any time. Values written into the register are held in an holding register, which is trans-
ferred into the actual register at the end of a PWM period. The two byte fields may be written independently. Reads of
this register return the current contents and not the value of the holding register.
6 ENABLE_UPDATE
This bit is set to 1 when written with a ‘1’. Writes of ‘0’ have no effect.
Hardware clears this bit to 0 when the breathing configuration regis-
ters are updated at the end of a PWM period. The current state of the
bit is readable any time.
This bit is used to enable consistent configuration of LED_DELAY,
LED_STEP and LED_INT. As long as this bit is 0, data written to
those three registers is retained in a holding register. When this bit is
1, data in the holding register are copied to the operating registers at
the end of a PWM period. When the copy completes, hardware
clears this bit to 0.
R/WS
0b
VCC1_
RESET
5:4 PWM_SIZE
This bit controls the behavior of PWM:
3=Reserved
2=PWM is configured as a 6-bit PWM
1=PWM is configured as a 7-bit PWM
0=PWM is configured as an 8-bit PWM
R/W
0b
VCC1_
RESET
3 SYNCHRONIZE
When this bit is ‘1’, all counters for all LEDs are reset to their initial
values. When this bit is ‘0’ in the LED Configuration Register for all
LEDs, then all counters for LEDs that are configured to blink or
breathe will increment or decrement, as required.
To synchronize blinking or breathing, the SYNCHRONIZE bit should
be set for at least one LED, the control registers for each LED should
be set to their required values, then the SYNCHRONIZE bits should
all be cleared. If the all LEDs are set for the same blink period, they
will all be synchronized.
R/W
0b
VCC1_
RESET
2 CLOCK_SOURCE
This bit controls the base clock for the PWM. It is only valid when
CNTRL is set to blink (2).
1=Clock source is the 48 MHz clock
0=Clock source is the 32.768 KHz clock
R/W
0b
VCC1_
RESET
1:0 CONTROL
This bit controls the behavior of PWM:
3=PWM is always on
2=LED blinking (standard PWM)
1=LED breathing configuration
0=PWM is always off. All internal registers and counters are reset to
0. Clocks are gated
R/W
00b
VCC1_
RESET
11b
WDT TC
Offset
00h
Bits
Description
Type
Default
Reset
Event



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com