Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MEC1322 Datasheet(PDF) 334 Page - Microchip Technology

Part # MEC1322
Description  Keyboard and Embedded Controller for Notebook PC
PDF  456 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MEC1322 Datasheet(HTML) 334 Page - Microchip Technology

Back Button MEC1322 Datasheet HTML 330Page - Microchip Technology MEC1322 Datasheet HTML 331Page - Microchip Technology MEC1322 Datasheet HTML 332Page - Microchip Technology MEC1322 Datasheet HTML 333Page - Microchip Technology MEC1322 Datasheet HTML 334Page - Microchip Technology MEC1322 Datasheet HTML 335Page - Microchip Technology MEC1322 Datasheet HTML 336Page - Microchip Technology MEC1322 Datasheet HTML 337Page - Microchip Technology MEC1322 Datasheet HTML 338Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 334 / 456 page
background image
MEC1322
DS00001719D-page 334
 2014 - 2015 Microchip Technology Inc.
The other registers in the block do not affect the PWM or the LED output in Blinking/PWM mode.
28.9.3
BREATHING EXAMPLES
28.9.3.1
Linear LED brightness change
In this example, the brightness of the LED increases and diminishes in a linear fashion. The entire cycle takes 5 sec-
onds. The rise time and fall time are 1.6 seconds, with a hold time at maximum brightness of 200ms and a hold time at
minimum brightness of 1.6 seconds. The LED brightness varies between full off and full on. The PWM size is set to 8-
bit, so the time unit for adjusting the PWM is approximately 8ms. The registers are configured as follows:
Note:
At a duty cycle value of 00h (in the MIN register), the LED output is fully off. At a duty cycle value of 255h,
the LED output is fully on. Alternatively, In order to force the LED to be fully on, firmware can set the CON-
TROL field of the Configuration register to 3 (always on).
TABLE 28-13: LINEAR EXAMPLE CONFIGURATION
Field
Value
PSIZE
8-bit
MAX
255
MIN
0
HD
25 ticks (200ms)
LD
200 ticks (1.6s)
Duty cycle most
significant bits
000b
001b
010b
011b
100b
101b
110b
1110
LED_INT
888
8888
8
LED_STEP
10
10
10
10
10
10
10
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com