Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MEC1322 Datasheet(PDF) 331 Page - Microchip Technology

Part # MEC1322
Description  Keyboard and Embedded Controller for Notebook PC
PDF  456 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MEC1322 Datasheet(HTML) 331 Page - Microchip Technology

Back Button MEC1322 Datasheet HTML 327Page - Microchip Technology MEC1322 Datasheet HTML 328Page - Microchip Technology MEC1322 Datasheet HTML 329Page - Microchip Technology MEC1322 Datasheet HTML 330Page - Microchip Technology MEC1322 Datasheet HTML 331Page - Microchip Technology MEC1322 Datasheet HTML 332Page - Microchip Technology MEC1322 Datasheet HTML 333Page - Microchip Technology MEC1322 Datasheet HTML 334Page - Microchip Technology MEC1322 Datasheet HTML 335Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 331 / 456 page
background image
 2014 - 2015 Microchip Technology Inc.
DS00001719D-page 331
MEC1322
28.8.2
BLINKING
When configured for blinking, a subset of the hardware used in breathing is used to implement the blinking function. The
PWM (an 8-bit accumulator plus an 8-bit duty cycle register) drives the LED directly. The Duty Cycle register is pro-
grammed directly by the user, and not modified further. The PWM accumulator is configured as a simple 8-bit up counter.
The counter uses the 32.768 KHz clock, and is pre-scaled by the Delay counter, to slow the PWM down from the 128Hz
provided by directly running the PWM on the 32.768 KHz clock.
With the pre-scaler, the blink rate of the LED could be as fast as 128Hz (which, because it is blinking faster than the eye
can distinguish, would appear as a continuous level) to 0.03125Hz (that is, with a period of 7.8ms to 32 seconds). Any
duty cycle from 0% (0h) to 100% (FFh) can be configured, with an 8-bit precision. An LED with a duty cycle value of 0h
will be fully off, while an LED with a duty cycle value of FFh will be fully on.
In Blinking mode the PWM counter is always in 8-bit mode.
Table 28-7, "LED Blink Configuration Examples" shows some example blinking configurations:
The Blinking and General Purpose PWM modes share the hardware used in the breathing mode. The Prescale value
is derived from the LD field of the LED_DELAY register and the Duty Cycle is derived from the MIN field of the LED_LIM-
ITS register.
28.8.3
GENERAL PURPOSE PWM
When used in the Blinking configuration with the 48 MHz Ring Oscillator, the LED module can be used as a general-
purpose programmable Pulse-Width Modulator with an 8-bit programmable pulse width. It can be used for fan speed
control, sound volume, etc. With the 48 MHz Ring Oscillator source, the PWM frequency can be configured in the range
shown in Table 28-9.
TABLE 28-7:
LED BLINK CONFIGURATION EXAMPLES
Prescale
Duty Cycle
Blink Frequency
Blink
000h
00h
128Hz
full off
000h
FFh
128Hz
full on
001h
40h
64Hz
3.9ms on, 11.6ms off
003h
80h
32Hz
15.5ms on, 15.5ms off
07Fh
20h
1Hz
125ms on, 0.875s off
0BFh
16h
0.66Hz
125ms on, 1.375s off
0FFh
10h
0.5Hz
125ms on, 1.875s off
180h
0Bh
0.33Hz
125ms on, 2.875s off
1FFh
40h
0.25Hz
1s on, 3s off
TABLE 28-8:
BLINKING MODE CALCULATIONS
Parameter
Unit
Equation
Frequency
Hz
(32KHz_Clk frequency) /(PRESCALE + 1)/255
‘H’ Width
Seconds
(1/PERIOD) x (DutyCycle/255)
‘L’ Width
Seconds
(1/PERIOD) x (255 - DutyCycle)
TABLE 28-9:
PWM CONFIGURATION EXAMPLES
Prescale
PWM Frequency
000h
187.5 KHz
001h
93.75 KHz
003h
46.875 KHz
006h
26.8 KHz
00Bh
15.625 KHz
07Fh
1.46 KHz
1FFh
366 Hz
FFFh
46 Hz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com