Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MEC1322 Datasheet(PDF) 327 Page - Microchip Technology

Part # MEC1322
Description  Keyboard and Embedded Controller for Notebook PC
PDF  456 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MEC1322 Datasheet(HTML) 327 Page - Microchip Technology

Back Button MEC1322 Datasheet HTML 323Page - Microchip Technology MEC1322 Datasheet HTML 324Page - Microchip Technology MEC1322 Datasheet HTML 325Page - Microchip Technology MEC1322 Datasheet HTML 326Page - Microchip Technology MEC1322 Datasheet HTML 327Page - Microchip Technology MEC1322 Datasheet HTML 328Page - Microchip Technology MEC1322 Datasheet HTML 329Page - Microchip Technology MEC1322 Datasheet HTML 330Page - Microchip Technology MEC1322 Datasheet HTML 331Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 327 / 456 page
background image
 2014 - 2015 Microchip Technology Inc.
DS00001719D-page 327
MEC1322
28.0 BLINKING/BREATHING PWM
28.1
Introduction
LEDs are used in computer applications to communicate internal state information to a user through a minimal interface.
Typical applications will cause an LED to blink at different rates to convey different state information. For example, an
LED could be full on, full off, blinking at a rate of once a second, or blinking at a rate of once every four seconds, in order
to communicate four different states.
As an alternative to blinking, an LED can “breathe”, that is, oscillate between a bright state and a dim state in a contin-
uous, or apparently continuous manner. The rate of breathing, or the level of brightness at the extremes of the oscillation
period, can be used to convey state information to the user that may be more informative, or at least more novel, than
traditional blinking.
The blinking/breathing hardware is implemented using a PWM. The PWM can be driven either by the 48 MHz clock or
by a 32.768 KHz clock input. When driven by the 48 MHz clock, the PWM can be used as a standard 8-bit PWM in order
to control a fan. When used to drive blinking or breathing LEDs, the 32.768 KHz clock source is used.
Features:
• Each PWM independently configurable
• Each PWM configurable for LED blinking and breathing output
• Highly configurable breathing rate from 60ms to 1min
• Non-linear brightness curves approximated with 8 piece wise-linear segments
• All LED PWMs can be synchronized
• Each PWM configurable for 8-bit PWM support
• Multiple clock rates
• Configurable Watchdog Timer
28.2
Interface
This block is designed to drive a pin on the pin interface and to be accessed internally via a registered host interface.
FIGURE 28-1:
I/O DIAGRAM OF BLOCK
Blinking/Breathing PWM
Signal Description
Clock Inputs
Interrupts
Resets
Host Interface



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com