Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MEC1322 Datasheet(PDF) 325 Page - Microchip Technology

Part # MEC1322
Description  Keyboard and Embedded Controller for Notebook PC
PDF  456 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MEC1322 Datasheet(HTML) 325 Page - Microchip Technology

Back Button MEC1322 Datasheet HTML 321Page - Microchip Technology MEC1322 Datasheet HTML 322Page - Microchip Technology MEC1322 Datasheet HTML 323Page - Microchip Technology MEC1322 Datasheet HTML 324Page - Microchip Technology MEC1322 Datasheet HTML 325Page - Microchip Technology MEC1322 Datasheet HTML 326Page - Microchip Technology MEC1322 Datasheet HTML 327Page - Microchip Technology MEC1322 Datasheet HTML 328Page - Microchip Technology MEC1322 Datasheet HTML 329Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 325 / 456 page
background image
 2014 - 2015 Microchip Technology Inc.
DS00001719D-page 325
MEC1322
27.12.6
SPI CLOCK CONTROL REGISTER
This register should not be changed during an active SPI transaction.
Offset
00h
Bits
Description
Type
Default
Reset
Event
31:5 Reserved
R
-
-
4 CLKSRC
Clock Source for the SPI Clock Generator. This bit should not be
changed during a SPI transaction. When the field PRELOAD in the
SPI Clock Generator Register is 0, this bit is ignored and the Clock
Source is always the main system clock (the equivalent of setting
this bit to ‘0’).
1=2MHz
0=48 MHz Ring Oscillator
R/W
0h
VCC1_R
ESET
3 Reserved
R
-
-
2 CLKPOL
SPI Clock Polarity.
1=The SPI_CLK signal is high when the interface is idle and the first
clock edge is a falling edge
0=The SPI_CLK is low when the interface is idle and the first clock
edge is a rising edge
R/W
0h
VCC1_R
ESET
1 RCLKPH
Receive Clock Phase, the SPI_CLK edge on which the master will
sample data. The receive clock phase is not affected by the SPI
Clock Polarity.
1=Valid data on SPDIN signal is expected after the first SPI_CLK
edge. This data is sampled on the second and following even
SPI_CLK edges (i.e., sample data on falling edge)
0=Valid data is expected on the SPDIN signal on the first SPI_CLK
edge. This data is sampled on the first and following odd SPI_-
CLK edges (i.e., sample data on rising edge)
R/W
1h
VCC1_R
ESET
0 TCLKPH
Transmit Clock Phase, the SPCLK edge on which the master will
clock data out. The transmit clock phase is not affected by the SPI
Clock Polarity.
1=Valid data is clocked out on the first SPI_CLK edge on SPDOUT
signal. The slave device should sample this data on the second
and following even SPI_CLK edges (i.e., sample data on falling
edge)
0=Valid data is clocked out on the SPDOUT signal prior to the first
SPI_CLK edge. The slave device should sample this data on the
first and following odd SPI_CLK edges (i.e., sample data on ris-
ing edge)
R/W
0h
VCC1_R
ESET



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com