Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MEC1322 Datasheet(PDF) 328 Page - Microchip Technology

Part # MEC1322
Description  Keyboard and Embedded Controller for Notebook PC
PDF  456 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MEC1322 Datasheet(HTML) 328 Page - Microchip Technology

Back Button MEC1322 Datasheet HTML 324Page - Microchip Technology MEC1322 Datasheet HTML 325Page - Microchip Technology MEC1322 Datasheet HTML 326Page - Microchip Technology MEC1322 Datasheet HTML 327Page - Microchip Technology MEC1322 Datasheet HTML 328Page - Microchip Technology MEC1322 Datasheet HTML 329Page - Microchip Technology MEC1322 Datasheet HTML 330Page - Microchip Technology MEC1322 Datasheet HTML 331Page - Microchip Technology MEC1322 Datasheet HTML 332Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 328 / 456 page
background image
MEC1322
DS00001719D-page 328
 2014 - 2015 Microchip Technology Inc.
28.3
Signal Description
28.4
Host Interface
The blinking/breathing PWM block is accessed by a controller over the standard register interface.
28.5
Power, Clocks and Reset
This section defines the Power, Clock, and Reset parameters of the block.
28.5.1
POWER DOMAINS
28.5.2
CLOCK INPUTS
28.5.3
RESETS
28.6
Interrupts
Each PWM can generate an interrupt. The interrupt is asserted for one 48 MHz clock period whenever the PWM WDT
times out. The PWM WDT is described in Section 28.8.3.1, "PWM WDT," on page 332.
TABLE 28-1:
SIGNAL DESCRIPTION
Name
Direction
Description
PWM Output
Output
Output of PWM
By default, the PWM pin is configured to be active high: when the
PWM is configured to be fully on, the pin is driving high. When the
PWM is configured to be fully off, the pin is low. If firmware requires
the Blinking/Breathing PWM to be active low, the Polarity bit in the
GPIO Pin Control Register associated with the PWM can be set to
1, which inverts the output polarity.
TABLE 28-2:
POWER SOURCES
Name
Description
VCC1
Main power. The source of main power for the device is system
dependent.
TABLE 28-3:
CLOCK INPUTS
Name
Description
32KHz_Clk
32.768 KHz clock
48 MHz Ring Oscillator
48 MHz clock
TABLE 28-4:
RESET SIGNALS
Name
Description
VCC1_RESET
Block reset
Note:
PWM_WDT[0], PWM_WDT[1], PWM_WDT[2], PWM_WDT[3] bits in the GIRQ17 and GIRQ18 registers
are the interrupt source bits for the three instances of the Blinking/Breathing PWM in the MEC1322.
TABLE 28-5:
EC INTERRUPTS
Source
Description
PWM_WDT
PWM watchdog time out



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com