Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MEC1322 Datasheet(PDF) 332 Page - Microchip Technology

Part # MEC1322
Description  Keyboard and Embedded Controller for Notebook PC
PDF  456 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MEC1322 Datasheet(HTML) 332 Page - Microchip Technology

Back Button MEC1322 Datasheet HTML 328Page - Microchip Technology MEC1322 Datasheet HTML 329Page - Microchip Technology MEC1322 Datasheet HTML 330Page - Microchip Technology MEC1322 Datasheet HTML 331Page - Microchip Technology MEC1322 Datasheet HTML 332Page - Microchip Technology MEC1322 Datasheet HTML 333Page - Microchip Technology MEC1322 Datasheet HTML 334Page - Microchip Technology MEC1322 Datasheet HTML 335Page - Microchip Technology MEC1322 Datasheet HTML 336Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 332 / 456 page
background image
MEC1322
DS00001719D-page 332
 2014 - 2015 Microchip Technology Inc.
28.8.3.1
PWM WDT
When the PWM is configured as a general-purpose PWM (in the Blinking configuration with the 48 MHz clock), the PWM
includes a Watch Dog Timer (WDT). The WDT consists of an internal 8-bit counter and an 8-bit reload value (the field
WDTLD in LED Configuration Register register). The internal counter is loaded with the reset value of WDTLD (14h, or
4 seconds) on system VCC1_RESET and loaded with the contents of WDTLD whenever either the LED Configuration
Register register is written or the MIN byte in the LED Limits Register register is written (the MIN byte controls the duty
cycle of the PWM).
Whenever the internal counter is non-zero, it is decremented by 1 for every tick of the 5 Hz clock. If the counter decre-
ments from 1 to 0, a WDT Terminal Count causes an interrupt to be generated and reset sets the CONTROL bit in the
LED Configuration Register to 3h, which forces the PWM to be full on. No other PWM registers or fields are affected.
If the 5 Hz clock halts, the watchdog timer stops decrementing but retains its value, provided the device continues to be
powered. When the 5 Hz clock restarts, the watchdog counter will continue decrementing where it left off.
Setting the WDTLD bits to 0 disables the PWM WDT. Other sample values for WDTLD are:
01h = 200 ms
02h = 400 ms
03h = 600 ms
04h = 800 ms
…
14h = 4seconds
FFh = 51 seconds
28.9
Implementation
In addition to the registers described in Section 28.10, "EC-Only Registers", the PWM is implemented using a number
of components that are interconnected differently when configured for breathing operation and when configured for
blinking/PWM operation.
28.9.1
BREATHING CONFIGURATION
The PSIZE parameter can configure the PWM to one of three modes: 8-bit, 7-bit and 6-bit. The PERIOD CTR counts
ticks of its input clock. In 8-bit mode, it counts from 0 to 255 (that is, 256 steps), then repeats continuously. In this mode,
a full cycle takes 7.8ms (128Hz). In 7-bit mode it counts from 0 to 127 (128 steps), and a full cycle takes 3.9ms (256Hz).
In 6-bit mode it counts from 0 to 63 (64 steps) and a full cycle takes 1.95ms (512Hz).
The output of the LED circuit is asserted whenever the PERIOD CTR is less than the contents of the DUTY CYCLE
register. The appearance of breathing is created by modifying the contents of the DUTY CYCLE register in a continuous
manner. When the LED control is off the internal counters and registers are all reset to 0 (i.e. after a write setting the
RESET bit in the LED Configuration Register Register.) Once enabled, the DUTY CYCLE register is increased by an
amount determined by the LED_STEP register and at a rate determined by the DELAY counter. Once the duty cycle
reaches its maximum value (determined by the field MAX), the duty cycle is held constant for a period determined by
the field HD. Once the hold time is complete, the DUTY CYCLE register is decreased, again by an amount determined
by the LED_STEP register and at a rate determined by the DELAY counter. When the duty cycle then falls at or below
the minimum value (determined by the field MIN), the duty cycle is held constant for a period determined by the field
HD. Once the hold time is complete, the cycle repeats, with the duty cycle oscillating between MIN and MAX.
The rising and falling ramp times as shown in FIGURE 28-3: Clipping Example on page 330 can be either symmetric or
asymmetric depending on the setting of the SYMMETRY bit in the LED Configuration Register Register. In Symmetric
mode the rising and falling ramp rates have mirror symmetry; both rising and falling ramp rates use the same (all) 8
TABLE 28-10: GENERAL PURPOSE PWM MODE CALCULATIONS
Parameter
Unit
Equation
Frequency
Hz
(48 MHz Ring Oscillator frequency) / (PRESCALE + 1) / 255
‘H’ Width
Seconds
(1/PERIOD) x (DutyCycle/255)
‘L’ Width
Seconds
(1/PERIOD) x (255 - DutyCycle)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com