Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MEC1322 Datasheet(PDF) 333 Page - Microchip Technology

Part # MEC1322
Description  Keyboard and Embedded Controller for Notebook PC
PDF  456 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MEC1322 Datasheet(HTML) 333 Page - Microchip Technology

Back Button MEC1322 Datasheet HTML 329Page - Microchip Technology MEC1322 Datasheet HTML 330Page - Microchip Technology MEC1322 Datasheet HTML 331Page - Microchip Technology MEC1322 Datasheet HTML 332Page - Microchip Technology MEC1322 Datasheet HTML 333Page - Microchip Technology MEC1322 Datasheet HTML 334Page - Microchip Technology MEC1322 Datasheet HTML 335Page - Microchip Technology MEC1322 Datasheet HTML 336Page - Microchip Technology MEC1322 Datasheet HTML 337Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 333 / 456 page
background image
 2014 - 2015 Microchip Technology Inc.
DS00001719D-page 333
MEC1322
segments fields in each of the following registers (see Table 28-11): the LED Update Stepsize Register register and the
LED Update Interval Register register. In Asymmetric mode the rising ramp rate uses 4 of the 8 segments fields and the
falling ramp rate uses the remaining 4 of the 8 segments fields (see Table 28-11).
The parameters MIN, MAX, HD, LD and the 8 fields in LED_STEP and LED_INT determine the brightness range of the
LED and the rate at which its brightness changes. See the descriptions of the fields in Section 28.10, "EC-Only Regis-
ters", as well as the examples in Section 28.9.3, "Breathing Examples" for information on how to set these fields.
28.9.2
BLINKING CONFIGURATION
The Delay counter and the PWM counter are the same as in the breathing configuration, except in this configuration
they are connected differently. The Delay counter is clocked on either the 32.768 KHz clock or the 48 MHz clock, rather
than the output of the PWM. The PWM counter is clocked by the zero output of the Delay counter, which functions as a
prescalar for the input clocks to the PWM. The Delay counter is reloaded from the LD field of the LED_DELAY register.
When the LD field is 0 the input clock is passed directly to the PWM counter without prescaling. In Blinking/PWM mode
the PWM counter is always 8-bit, and the PSIZE parameter has no effect.
The frequency of the PWM pulse waveform is determined by the formula:
where fPWM is the frequency of the PWM, fclock is the frequency of the input clock (32.768 KHz clock or 48 MHz clock)
and LD is the contents of the LD field.
TABLE 28-11: SYMMETRIC BREATHING MODE REGISTER USAGE
Rising/ Falling
Ramp Times
in
Figure 28-3,
"Clipping Example"
Duty Cycle
Segment Index
Symmetric Mode Register Fields Utilized
X
000xxxxxb
000b
STEP[0]/INT[0]
Bits[3:0]
X
001xxxxxb
001b
STEP[1]/INT[1]
Bits[7:4]
X
010xxxxxb
010b
STEP[2]/INT[2]
Bits[11:8]
X
011xxxxxb
011b
STEP[3]/INT[3]
Bits[15:12]
X
100xxxxxb
100b
STEP[4]/INT[4]
Bits[19:16]
X
101xxxxxb
101b
STEP[5]/INT[5]
Bits[23:20]
X
110xxxxxb
110b
STEP[6]/INT[6]
Bits[27:24]
X
111xxxxxb
111b
STEP[7]/INT[7]
Bits[31:28]
Note:
In Symmetric Mode the Segment_Index[2:0] = Duty Cycle Bits[7:5]
TABLE 28-12: ASYMMETRIC BREATHING MODE REGISTER USAGE
Rising/ Falling
Ramp Times
in
Figure 28-3,
"Clipping Example"
Duty Cycle
Segment Index
Asymmetric Mode Register Fields Utilized
Rising
00xxxxxxb
000b
STEP[0]/INT[0]
Bits[3:0]
Rising
01xxxxxxb
001b
STEP[1]/INT[1]
Bits[7:4]
Rising
10xxxxxxb
010b
STEP[2]/INT[2]
Bits[11:8]
Rising
11xxxxxxb
011b
STEP[3]/INT[3]
Bits[15:12]
falling
00xxxxxxb
100b
STEP[4]/INT[4]
Bits[19:16]
falling
01xxxxxxb
101b
STEP[5]/INT[5]
Bits[23:20]
falling
10xxxxxxb
110b
STEP[6]/INT[6]
Bits[27:24]
falling
11xxxxxxb
111b
STEP[7]/INT[7]
Bits[31:28]
Note:
In Asymmetric Mode the Segment_Index[2:0] is the bit concatenation of following: Segment_Index[2] =
(FALLING RAMP TIME in Figure 28-3, "Clipping Example") and Segment_Index[1:0] = Duty Cycle Bits[7:6].
fPWM
fclock
256
LD
1
+
()
×
()
------------------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com