Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MEC1322 Datasheet(PDF) 335 Page - Microchip Technology

Part # MEC1322
Description  Keyboard and Embedded Controller for Notebook PC
PDF  456 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MEC1322 Datasheet(HTML) 335 Page - Microchip Technology

Back Button MEC1322 Datasheet HTML 331Page - Microchip Technology MEC1322 Datasheet HTML 332Page - Microchip Technology MEC1322 Datasheet HTML 333Page - Microchip Technology MEC1322 Datasheet HTML 334Page - Microchip Technology MEC1322 Datasheet HTML 335Page - Microchip Technology MEC1322 Datasheet HTML 336Page - Microchip Technology MEC1322 Datasheet HTML 337Page - Microchip Technology MEC1322 Datasheet HTML 338Page - Microchip Technology MEC1322 Datasheet HTML 339Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 335 / 456 page
background image
 2014 - 2015 Microchip Technology Inc.
DS00001719D-page 335
MEC1322
FIGURE 28-5:
LINEAR BRIGHTNESS CURVE EXAMPLE
28.9.3.2
Non-linear LED brightness change
In this example, the brightness of the LED increases and diminishes in a non-linear fashion. The brightness forms a
curve that is approximated by four piece wise-linear line segments. The entire cycle takes about 2.8 seconds. The rise
time and fall time are about 1 second, with a hold time at maximum brightness of 320ms and a hold time at minimum
brightness of 400ms. The LED brightness varies between full off and full on. The PWM size is set to 7-bit, so the time
unit for adjusting the PWM is approximately 4ms. The registers are configured as follows:
TABLE 28-14: NON-LINEAR EXAMPLE CONFIGURATION
Field
Value
PSIZE
7-bit
MAX
255 (effectively 127)
MIN
0
HD
80 ticks (320ms)
LD
100 ticks (400ms)
Duty cycle most
significant bits
000b
001b
010b
011b
100b
101b
110b
1110
LED_INT
236
699
16
16
LED_STEP
444
444
44
0
50
100
150
200
250
300
0
32
0
64
0
96
0
12
80
16
00
19
20
22
40
25
60
28
80
32
00
35
20
38
40
41
60
44
80
48
00
51
20
54
40
57
60
60
80
64
00
67
20
70
40
73
60
76
80
80
00
83
20
86
40
89
60
92
80
96
00
99
20
10
24
0
10
56
0
10
88
0
D
u
ty
C
yc
le
Time in ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com