Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MEC1322 Datasheet(PDF) 339 Page - Microchip Technology

Part # MEC1322
Description  Keyboard and Embedded Controller for Notebook PC
PDF  456 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MEC1322 Datasheet(HTML) 339 Page - Microchip Technology

Back Button MEC1322 Datasheet HTML 335Page - Microchip Technology MEC1322 Datasheet HTML 336Page - Microchip Technology MEC1322 Datasheet HTML 337Page - Microchip Technology MEC1322 Datasheet HTML 338Page - Microchip Technology MEC1322 Datasheet HTML 339Page - Microchip Technology MEC1322 Datasheet HTML 340Page - Microchip Technology MEC1322 Datasheet HTML 341Page - Microchip Technology MEC1322 Datasheet HTML 342Page - Microchip Technology MEC1322 Datasheet HTML 343Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 339 / 456 page
background image
 2014 - 2015 Microchip Technology Inc.
DS00001719D-page 339
MEC1322
28.10.3
LED DELAY REGISTER
This register may be written at any time. Values written into the register are held in an holding register, which is trans-
ferred into the actual register at the end of a PWM period if the Enable Update bit in the LED Configuration register is
set to 1. Reads of this register return the current contents and not the value of the holding register.
Offset
04h
Bits
Description
Type
Default
Reset
Event
31:16 Reserved
R
-
-
15:8 MAXIMUM
In breathing mode, when the current duty cycle is greater than or
equal to this value the breathing apparatus holds the current duty
cycle for the period specified by the field HD in register LED_DELAY,
then starts decrementing the current duty cycle
R/W
0h
VCC1_
RESET
7:0 MINIMUM
In breathing mode, when the current duty cycle is less than or equal
to this value the breathing apparatus holds the current duty cycle for
the period specified by the field LD in register LED_DELAY, then
starts incrementing the current duty cycle
In blinking mode, this field defines the duty cycle of the blink function.
R/W
0h
VCC1_
RESET
Offset
08h
Bits
Description
Type
Default
Reset
Event
31:24 Reserved
R
-
-
23:12 HIGH_DELAY
In breathing mode, the number of PWM periods to wait before updat-
ing the current duty cycle when the current duty cycle is greater than
or equal to the value MAX in register LED_LIMIT.
4095=The current duty cycle is decremented after 4096 PWM periods
…
1=The delay counter is bypassed and the current duty cycle is decre-
mented after two PWM period
0=The delay counter is bypassed and the current duty cycle is decre-
mented after one PWM period
R/W
000h
VCC1_
RESET
11:0 LOW_DELAY
The number of PWM periods to wait before updating the current duty
cycle when the current duty cycle is greater than or equal to the value
MIN in register LED_LIMIT.
4095=The current duty cycle is incremented after 4096 PWM periods
…
0=The delay counter is bypassed and the current duty cycle is incre-
mented after one PWM period
In blinking mode, this field defines the prescalar for the PWM clock
R/W
000h
VCC1_
RESET



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com