Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MEC1322 Datasheet(PDF) 341 Page - Microchip Technology

Part # MEC1322
Description  Keyboard and Embedded Controller for Notebook PC
PDF  456 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MEC1322 Datasheet(HTML) 341 Page - Microchip Technology

Back Button MEC1322 Datasheet HTML 337Page - Microchip Technology MEC1322 Datasheet HTML 338Page - Microchip Technology MEC1322 Datasheet HTML 339Page - Microchip Technology MEC1322 Datasheet HTML 340Page - Microchip Technology MEC1322 Datasheet HTML 341Page - Microchip Technology MEC1322 Datasheet HTML 342Page - Microchip Technology MEC1322 Datasheet HTML 343Page - Microchip Technology MEC1322 Datasheet HTML 344Page - Microchip Technology MEC1322 Datasheet HTML 345Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 341 / 456 page
background image
 2014 - 2015 Microchip Technology Inc.
DS00001719D-page 341
MEC1322
28.10.5
LED UPDATE INTERVAL REGISTER
This register has eight segment fields which provide the number of PWM periods between updates to current duty cycle.
Segment field selection is decoded based on the segment index. The segment index equation utilized depends on the
SYMMETRY bit in the LED Configuration Register Register)
• In Symmetric Mode the Segment_Index[2:0] = Duty Cycle Bits[7:5]
• In Asymmetric Mode the Segment_Index[2:0] is the bit concatenation of following: Segment_Index[2] = (FALLING
RAMP TIME in Figure 28-3, "Clipping Example") and Segment_Index[1:0] = Duty Cycle Bits[7:6].
This register may be written at any time. Values written into the register are held in an holding register, which is trans-
ferred into the actual register at the end of a PWM period if the Enable Update bit in the LED Configuration register is
set to 1. Reads of this register return the current contents and not the value of the holding register.
11:8 UPDATE_STEP2
Amount the current duty cycle is adjusted at the end of every PWM
period when the segment index is equal to 010.
R/W
0h
VCC1_
RESET
7:4 UPDATE_STEP1
Amount the current duty cycle is adjusted at the end of every PWM
period when the segment index is equal to 001.
R/W
0h
VCC1_
RESET
3:0 UPDATE_STEP0
Amount the current duty cycle is adjusted at the end of every PWM
period when the segment index is equal to 000.
R/W
0h
VCC1_
RESET
Offset
10h
Bits
Description
Type
Default
Reset
Event
31:28 UPDATE_INTERVAL7
The number of PWM periods between updates to current duty cycle
when the segment index is equal to 111b.
15=Wait 16 PWM periods
…
0=Wait 1 PWM period
R/W
0h
VCC1_
RESET
27:24 UPDATE_INTERVAL6
The number of PWM periods between updates to current duty cycle
when the segment index is equal to 110b.
15=Wait 16 PWM periods
…
0=Wait 1 PWM period
R/W
0h
VCC1_
RESET
23:20 UPDATE_INTERVAL5
The number of PWM periods between updates to current duty cycle
when the segment index is equal to 101b.
15=Wait 16 PWM periods
…
0=Wait 1 PWM period
R/W
0h
VCC1_
RESET
Offset
0Ch
Bits
Description
Type
Default
Reset
Event



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com