Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MEC1322 Datasheet(PDF) 340 Page - Microchip Technology

Part # MEC1322
Description  Keyboard and Embedded Controller for Notebook PC
PDF  456 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MEC1322 Datasheet(HTML) 340 Page - Microchip Technology

Back Button MEC1322 Datasheet HTML 336Page - Microchip Technology MEC1322 Datasheet HTML 337Page - Microchip Technology MEC1322 Datasheet HTML 338Page - Microchip Technology MEC1322 Datasheet HTML 339Page - Microchip Technology MEC1322 Datasheet HTML 340Page - Microchip Technology MEC1322 Datasheet HTML 341Page - Microchip Technology MEC1322 Datasheet HTML 342Page - Microchip Technology MEC1322 Datasheet HTML 343Page - Microchip Technology MEC1322 Datasheet HTML 344Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 340 / 456 page
background image
MEC1322
DS00001719D-page 340
 2014 - 2015 Microchip Technology Inc.
28.10.4
LED UPDATE STEPSIZE REGISTER
This register has eight segment fields which provide the amount the current duty cycle is adjusted at the end of every
PWM period. Segment field selection is decoded based on the segment index. The segment index equation utilized
depends on the SYMMETRY bit in the LED Configuration Register Register)
• In Symmetric Mode the Segment_Index[2:0] = Duty Cycle Bits[7:5].
• In Asymmetric Mode the Segment_Index[2:0] is the bit concatenation of following: Segment_Index[2] = (FALLING
RAMP TIME in Figure 28-3, "Clipping Example") and Segment_Index[1:0] = Duty Cycle Bits[7:6].
This register may be written at any time. Values written into the register are held in an holding register, which is trans-
ferred into the actual register at the end of a PWM period if the Enable Update bit in the LED Configuration register is
set to 1. Reads of this register return the current contents and not the value of the holding register.
In 8-bit mode, each 4-bit STEPSIZE field represents 16 possible duty cycle modifications, from 1 to 16 as the duty cycle
is modified between 0 and 255:
15: Modify the duty cycle by 16
...
1: Modify the duty cycle by 2
0: Modify the duty cycle by 1
In 7-bit mode, the least significant bit of the 4-bit field is ignored, so each field represents 8 possible duty cycle modifi-
cations, from 1 to 8, as the duty cycle is modified between 0 and 127:
14, 15: Modify the duty cycle by 8
...
2, 3: Modify the duty cycle by 2
0, 1: Modify the duty cycle by 1
In 6-bit mode, the two least significant bits of the 4-bit field is ignored, so each field represents 4 possible duty cycle
modifications, from 1 to 4 as the duty cycle is modified between 0 and 63:
12, 13, 14, 15: Modify the duty cycle by 4
8, 9, 10, 11: Modify the duty cycle by 3
4, 5, 6, 7: Modify the duty cycle by 2
0, 1, 2, 3: Modify the duty cycle by 1
Offset
0Ch
Bits
Description
Type
Default
Reset
Event
31:28 UPDATE_STEP7
Amount the current duty cycle is adjusted at the end of every PWM
period when the segment index is equal to 111.
R/W
0h
VCC1_
RESET
27:24 UPDATE_STEP6
Amount the current duty cycle is adjusted at the end of every PWM
period when the segment index is equal to 110.
R/W
0h
VCC1_
RESET
23:20 UPDATE_STEP5
Amount the current duty cycle is adjusted at the end of every PWM
period when the segment index is equal to 101
R/W
0h
VCC1_
RESET
19:16 UPDATE_STEP4
Amount the current duty cycle is adjusted at the end of every PWM
period when the segment index is equal to 100.
R/W
0h
VCC1_
RESET
15:12 UPDATE_STEP3
Amount the current duty cycle is adjusted at the end of every PWM
period when the segment index is equal to 011.
R/W
0h
VCC1_
RESET



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com