Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MEC1322 Datasheet(PDF) 329 Page - Microchip Technology

Part # MEC1322
Description  Keyboard and Embedded Controller for Notebook PC
PDF  456 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MEC1322 Datasheet(HTML) 329 Page - Microchip Technology

Back Button MEC1322 Datasheet HTML 325Page - Microchip Technology MEC1322 Datasheet HTML 326Page - Microchip Technology MEC1322 Datasheet HTML 327Page - Microchip Technology MEC1322 Datasheet HTML 328Page - Microchip Technology MEC1322 Datasheet HTML 329Page - Microchip Technology MEC1322 Datasheet HTML 330Page - Microchip Technology MEC1322 Datasheet HTML 331Page - Microchip Technology MEC1322 Datasheet HTML 332Page - Microchip Technology MEC1322 Datasheet HTML 333Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 329 / 456 page
background image
 2014 - 2015 Microchip Technology Inc.
DS00001719D-page 329
MEC1322
28.7
Low Power Mode
The Blinking/Breathing PWM may be put into a low power mode by the chip-level power, clocks, and reset (PCR)
circuitry. The low power mode is only applicable when the Blinking/Breathing PWM is operating in the General Pur-
pose PWM mode. When the low speed clock mode is selected, the blinking/breathing function continues to operate,
even when the 48 MHz clock is stopped. Low power mode behavior is summarized in the following table:
28.8
Description
28.8.1
BREATHING
If an LED blinks rapidly enough, the eye will interpret the light as reduced brightness, rather than a blinking pattern.
Therefore, if the blinking period is short enough, modifying the duty cycle will set the apparent brightness, rather than a
blinking rate. At a blinking rate of 128Hz or greater, almost all people will perceive a continuous light source rather than
an intermittent pattern.
Because making an LED appear to breathe is an aesthetic effect, the breathing mechanism must be adjustable or cus-
tomers may find the breathing effect unattractive. There are several variables that can affect breathing appearance, as
described below.
The following figure illustrates some of the variables in breathing:
FIGURE 28-2:
BREATHING LED EXAMPLE
TABLE 28-6:
LOW POWER MODE BEHAVIOR
CLOCK_S
OURCE
CONTROL
Mode
Low Power
Mode
Description
X
‘00’b
PWM ‘OFF’
Yes
32.768 KHz clock is
required.
X
‘01’b
Breathing
Yes
1
‘10’b
General Purpose PWM
No
48 MHz clock is required,
even when a sleep com-
mand to the block is
asserted.
0
‘10’b
Blinking
Yes
32.768 KHz clock is
required.
X
‘11’b
PWM ‘ON’
Yes
Note:
In order for the MEC1322 to enter its.heavy and deep sleep states, the SLEEP_ENABLE input for all Blink-
ing/Breathing PWM instances must be asserted, even if the PWMs are configured to use the low speed
clock.
Full off
Full on
RISING RAMP TIME
FALLING RAMP TIME
Min Duty Cycle
Max Duty Cycle



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com