Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MEC1322 Datasheet(PDF) 324 Page - Microchip Technology

Part # MEC1322
Description  Keyboard and Embedded Controller for Notebook PC
PDF  456 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MEC1322 Datasheet(HTML) 324 Page - Microchip Technology

Back Button MEC1322 Datasheet HTML 320Page - Microchip Technology MEC1322 Datasheet HTML 321Page - Microchip Technology MEC1322 Datasheet HTML 322Page - Microchip Technology MEC1322 Datasheet HTML 323Page - Microchip Technology MEC1322 Datasheet HTML 324Page - Microchip Technology MEC1322 Datasheet HTML 325Page - Microchip Technology MEC1322 Datasheet HTML 326Page - Microchip Technology MEC1322 Datasheet HTML 327Page - Microchip Technology MEC1322 Datasheet HTML 328Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 324 / 456 page
background image
MEC1322
DS00001719D-page 324
 2014 - 2015 Microchip Technology Inc.
27.12.4
SPI TX_DATA REGISTER
27.12.5
SPI RX_DATA REGISTER
Offset
00h
Bits
Description
Type
Default
Reset
Event
31:8 Reserved
R
-
-
7:0 TX_DATA
A write to this register when the Tx_Data buffer is empty (TXBE in
the SPI Status Register is ‘1’) initiates a SPI transaction. The byte
written to this register will be loaded into the shift register and the
TXBE flag will be asserted. This indicates that the next byte can be
written into the TX_DATA register. This byte will remain in the TX_-
DATA register until the SPI core has finished shifting out the previ-
ous byte. Once the shift register is empty, the hardware will load the
pending byte into the shift register and once again assert the TxBE
bit.
The TX_DATA register must not be written when the TXBE bit is
zero. Writing this register may overwrite the transmit data before it is
loaded into the shift register.
R/W
0h
VCC1_R
ESET
Offset
00h
Bits
Description
Type
Default
Reset
Event
31:8 Reserved
R
-
-
7:0 RX_DATA
This register is used to read the value returned by the external SPI
device. At the end of a byte transfer the RX_DATA register contains
serial input data (valid or not) from the last transaction and the RXBF
bit is set to one. This status bit indicates that the RX_DATA register
has been loaded with a the serial input data. The RX_DATA register
should not be read before the RXBF bit is set.
The RX_DATA register must be read, clearing the RXBF status bit
before writing the TX_DATA register. The data in the receive shift
register is only loaded into the RX_DATA register when this bit is
cleared. If a data byte is pending in the receive shift register the
value will be loaded immediately into the RX_DATA register and the
RXBF status flag will be asserted. Software should read the RX_-
DATA register twice before starting a new transaction to make sure
the RX_DATA buffer and shift register are both empty.
R/W
0h
VCC1_R
ESET



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com