Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MEC1322 Datasheet(PDF) 321 Page - Microchip Technology

Part # MEC1322
Description  Keyboard and Embedded Controller for Notebook PC
PDF  456 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MEC1322 Datasheet(HTML) 321 Page - Microchip Technology

Back Button MEC1322 Datasheet HTML 317Page - Microchip Technology MEC1322 Datasheet HTML 318Page - Microchip Technology MEC1322 Datasheet HTML 319Page - Microchip Technology MEC1322 Datasheet HTML 320Page - Microchip Technology MEC1322 Datasheet HTML 321Page - Microchip Technology MEC1322 Datasheet HTML 322Page - Microchip Technology MEC1322 Datasheet HTML 323Page - Microchip Technology MEC1322 Datasheet HTML 324Page - Microchip Technology MEC1322 Datasheet HTML 325Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 321 / 456 page
background image
 2014 - 2015 Microchip Technology Inc.
DS00001719D-page 321
MEC1322
• BIOEN is asserted '1' to indicate that data will now be driven by the master.
• Next, a command byte is written to the TX_DATA register. This value is the first half of a 16 bit command to be
sent to temperature sensor peripheral. The SPI master automatically clears the TXFE bit, but does not begin shift-
ing the command data value onto the SPDOUT pin. This byte will remain in the TX_DATA register until the TX shift
register is empty. This data will be transmitted because the output buffer is enabled. Data on the SPDIN pin is
sampled on each clock.
• After 8 SPI_CLK pulses from the second receive byte:
- The second SPI cycle is complete, RXBF bit is asserted '1', and the SPINT interrupt is asserted, if enabled.
The data now contained in SPIRD - SPI RX_Data Register is the second half of the 16 bit word containing the
temperature data.
- Once the first SPI cycle is completed, the SPI master takes the pending data in the TX_DATA register (com-
mand byte 1) and loads it into the TX shift register. Loading the shift register automatically asserts the TXFE
bit, begins shifting the dummy data value onto the SPDOUT pin, and drives the SPI_CLK pin. Data on the
SPDIN pin is also sampled on each clock.
• Once the TXFE bit is asserted the SPI Master is ready to receive its next byte. Before writing the next TX_DATA
value, software must clear the RXBF status bit by reading the SPIRD - SPI RX_Data Register.
• Next, the second command byte is written to the TX_DATA register. The SPI master automatically clears the
TXFE bit, but does not begin shifting the command data value onto the SPDOUT pin. This byte will remain in the
TX_DATA register until the TX shift register is empty.
• After 8 SPI_CLK pulses from the first transmit byte:
- The third SPI cycle is complete, RXBF bit is asserted '1', and the SPINT interrupt is asserted, if enabled. The
data now contained in SPIRD - SPI RX_Data Register is invalid, since this command was used to transmit the
first command byte to the SPI slave.
- Once the first SPI cycle is completed, the SPI master takes the pending data in the TX_DATA register (com-
mand byte 2) and loads it into the TX shift register. Loading the shift register automatically asserts the TXFE
bit, begins shifting the dummy data value onto the SPDOUT pin, and drives the SPI_CLK pin. Data on the
SPDIN pin is also sampled on each clock.
• Once the TXFE bit is asserted the SPI Master is ready to transmit or receive its next byte. Before writing the next
TX_DATA value, software must clear the RXBF status bit by reading the SPIRD - SPI RX_Data Register.
• Since no more data needs to be transmitted, the host software will wait for the RXBF status bit to be asserted indi-
cating the second command byte was transmitted successfully.
• CS# is de-asserted.
27.12 EC-Only Registers
The registers listed in the EC-Only Register Summary table are for a single instance of the General Purpose Serial
Peripheral Interface. The addresses of each register listed in this table are defined as a relative offset to the host “Base
Address” defined in the EC-Only Register Base Address Table.
The Base Address indicates where the first register can be accessed in a particular address space for a block instance.
TABLE 27-9:
EC-ONLY REGISTER BASE ADDRESS TABLE
Block Instance
Instance
Number
Host
Address Space
Base Address
General Purpose Serial
Peripheral Interface
(GP-SPI)
0
EC
32-bit internal
address space
4000_9400h
1
EC
32-bit internal
address space
4000_9480h
Note:
The Shared SPI controller is instance 0 and the Private SPI is instance 1 of the General Purpose Serial
Peripheral Interface (GP-SPI) block.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com