Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MEC1322 Datasheet(PDF) 323 Page - Microchip Technology

Part # MEC1322
Description  Keyboard and Embedded Controller for Notebook PC
PDF  456 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MEC1322 Datasheet(HTML) 323 Page - Microchip Technology

Back Button MEC1322 Datasheet HTML 319Page - Microchip Technology MEC1322 Datasheet HTML 320Page - Microchip Technology MEC1322 Datasheet HTML 321Page - Microchip Technology MEC1322 Datasheet HTML 322Page - Microchip Technology MEC1322 Datasheet HTML 323Page - Microchip Technology MEC1322 Datasheet HTML 324Page - Microchip Technology MEC1322 Datasheet HTML 325Page - Microchip Technology MEC1322 Datasheet HTML 326Page - Microchip Technology MEC1322 Datasheet HTML 327Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 323 / 456 page
background image
 2014 - 2015 Microchip Technology Inc.
DS00001719D-page 323
MEC1322
27.12.3
SPI STATUS REGISTER
1BIOEN
Bidirectional Output Enable control. When the SPI is configured for
Half Duplex mode or Dual Mode the SPDOUT pin operates as a bi-
directional signal. The BIOEN bit is used by the internal DIRECTION
bit to control the direction of the SPDOUT buffers. The direction of
the buffer is never changed while a byte is being transmitted.
1=The SPDOUT_Direction signal configures the SPDOUT signal as
an output.
0=The SPDOUT_Direction signal configures the SPDOUT signal as
an input.
See Section 27.10.4, "How BIOEN Bit Controls Direction of SPD-
OUT Buffer" for details on the use of BIOEN.
R/W
1h
VCC1_R
ESET
0 LSBF
Least Significant Bit First
1= The data is transferred in LSB-first order.
0= The data is transferred in MSB-first order. (default)
R/W
0h
VCC1_R
ESET
Offset
08h
Bits
Description
Type
Default
Reset
Event
31:3 Reserved
R
-
-
2ACTIVE
R
0h
VCC1_R
ESET
1 RXBF
Receive Data Buffer Full status. When this bit is ‘1’ the Rx_Data buf-
fer is full. Reading the SPI RX_Data Register clears this bit. This sig-
nal may be used to generate a SPI_RX interrupt to the EC.
1=RX_Data buffer is full
0=RX_Data buffer is not full
R
0h
VCC1_R
ESET
0 TXBE
Transmit Data Buffer Empty status. When this bit is ‘1’ the Tx_Data
buffer is empty. Writing the SPI TX_Data Register clears this bit. This
signal may be used to generate a SPI_TX interrupt to the EC.
1=TX_Data buffer is empty
0=TX_Data buffer is not empty
R
1h
VCC1_R
ESET
Offset
00h
Bits
Description
Type
Default
Reset
Event



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com