Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MEC1322 Datasheet(PDF) 347 Page - Microchip Technology

Part # MEC1322
Description  Keyboard and Embedded Controller for Notebook PC
PDF  456 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MEC1322 Datasheet(HTML) 347 Page - Microchip Technology

Back Button MEC1322 Datasheet HTML 343Page - Microchip Technology MEC1322 Datasheet HTML 344Page - Microchip Technology MEC1322 Datasheet HTML 345Page - Microchip Technology MEC1322 Datasheet HTML 346Page - Microchip Technology MEC1322 Datasheet HTML 347Page - Microchip Technology MEC1322 Datasheet HTML 348Page - Microchip Technology MEC1322 Datasheet HTML 349Page - Microchip Technology MEC1322 Datasheet HTML 350Page - Microchip Technology MEC1322 Datasheet HTML 351Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 347 / 456 page
background image
 2014 - 2015 Microchip Technology Inc.
DS00001719D-page 347
MEC1322
The PS2_T/R bit must be written to a ‘1’ before initiating another transmission to the remote device. If the PS2_T/R bit
is set to ‘1’ while the channel is actively receiving data (that is, while the status bit RDATA_RDYis ‘1’) prior to the leading
edge of the 10th (parity bit) clock edge, the receive data is discarded. If the bit is set after the 10th edge, the receive
data is saved in the Receive Register.
29.14 Instance Description
29.15 EC-Only Registers
The registers listed in the EC-Only Register Summary table are for a single instance of the PS/2 Interface. The
addresses of each register listed in this table are defined as a relative offset to the host “Base Address” defined in the
EC-Only Register Base Address Table.
The Base Address indicates where the first register can be accessed in a particular address space for a block instance.
29.15.1
PS2 TRANSMIT BUFFER REGISTER
TABLE 29-8:
EC-ONLY REGISTER BASE ADDRESS TABLE
Block Instance
Instance
Number
Host
Address Space
Base Address
PS/2 Interface
0
EC
32-bit internal
address space
4000_9000h
1
EC
32-bit internal
address space
4000_9040h
2
EC
32-bit internal
address space
4000_9080h
3
EC
32-bit internal
address space
4000_90C0h
TABLE 29-9:
EC-ONLY REGISTER SUMMARY
Offset
Register Name
0h
PS2 Transmit Buffer Register
0h
PS2 Receive Buffer Register
4h
PS2 Control Register
8h
PS2 Status Register
Offset
00h
Bits
Description
Type
Default
Reset
Event
31:8 Reserved
R
-
-
7:0 TRANSMIT_DATA
Writes to this register start a transmission of the data in this register
to the peripheral.
W
0h
VCC1_R
ESET



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com