Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MEC1322 Datasheet(PDF) 354 Page - Microchip Technology

Part # MEC1322
Description  Keyboard and Embedded Controller for Notebook PC
PDF  456 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MEC1322 Datasheet(HTML) 354 Page - Microchip Technology

Back Button MEC1322 Datasheet HTML 350Page - Microchip Technology MEC1322 Datasheet HTML 351Page - Microchip Technology MEC1322 Datasheet HTML 352Page - Microchip Technology MEC1322 Datasheet HTML 353Page - Microchip Technology MEC1322 Datasheet HTML 354Page - Microchip Technology MEC1322 Datasheet HTML 355Page - Microchip Technology MEC1322 Datasheet HTML 356Page - Microchip Technology MEC1322 Datasheet HTML 357Page - Microchip Technology MEC1322 Datasheet HTML 358Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 354 / 456 page
background image
MEC1322
DS00001719D-page 354
 2014 - 2015 Microchip Technology Inc.
30.10.2.2
Asserting PREDRIVE_ENABLE
1.
Disable Key Scan Interface (KSEN = '1')
2.
Enable Predrive function (PREDRIVE_ENABLE = '1')
3.
Program buffer type for all KSO pins to "push-pull”
4.
Enable Keyscan Interface (KSEN ='0')
30.10.2.3
De-asserting PREDRIVE_ENABLE
1.
Disable Key Scan Interface (KSEN = '1')
2.
Program buffer type for all KSO pins to "open-drain”
3.
Disable Predrive function (PREDRIVE_ENABLE = '0')
4.
Enable Keyscan Interface (KSEN ='0')
30.10.3
INTERRUPT GENERATION
To support interrupt-based processing, an interrupt can optionally be generated on the high-to-low transition on any of
the KSI inputs. A running clock is not required to generate interrupts.
30.10.3.1
Runtime interrupt
KSC_INT is the block’s runtime active-high level interrupt. It is connected to the interrupt interface of the Interrupt Aggre-
gator, which then relays interrupts to the EC.
Associated with each KSI input is a status register bit and an interrupt enable register bit. A status bit is set when the
associated KSI input goes from high to low. If the interrupt enable bit for that input is set, an interrupt is generated. An
Interrupt is de-asserted when the status bit and/or interrupt enable bit is clear. A status bit cleared when written to a ‘1’.
Interrupts from individual KSIs are logically ORed together to drive the KSC_INT output port. Once asserted, an interrupt
is not asserted again until either all KSI[7:0] inputs have returned high or the has changed.
30.10.3.2
Wake-up Interrupt
KSC_INT_WAKE is the block’s wakeup interrupt. It is routed to the Interrupt Aggregator.
During sleep mode, i.e., when the bus clock is stopped, a high-to-low transition on any KSI whose interrupt enable bit
is set causes the KSC_INT_WAKE to be asserted. Also set is the associated status bit in the EC Clock Required 2 Status
Register (EC_CLK_REQ2_STS). KSC_WAKEUP_INT remains active until the bus clock is started.
The aforementioned transition on KSI also sets the corresponding status bit in the KSI STATUS Register. If enabled, a
runtime interrupt is also asserted on KSC_INT when the bus clock resumes running.
30.10.4
WAKE PROGRAMMING
Using the Keyboard Scan Interface to ‘wake’ the MEC1322 can be accomplished using either the Keyboard Scan Inter-
face wake interrupt, or using the wake capabilities of the GPIO Interface pins that are multiplexed with the Keyboard
Scan Interface pins. Enabling the Keyboard Scan Interface wake interrupt requires only a single interrupt enable access
and is recommended over using the GPIO Interface for this purpose.
30.11 EC-Only Registers
The registers listed in the EC-Only Register Summary table are for a single instance of the Keyboard Scan Interface.
The addresses of each register listed in this table are defined as a relative offset to the host “Base Address” defined in
the EC-Only Register Base Address Table.
The Base Address indicates where the first register can be accessed in a particular address space for a block instance.
TABLE 30-6:
EC-ONLY REGISTER BASE ADDRESS TABLE
Block Instance
Instance
Number
Host
Address Space
Base Address
Keyboard Scan
Interface
0
EC
32-bit internal
address space
4000_9C00h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com