Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MEC1322 Datasheet(PDF) 356 Page - Microchip Technology

Part # MEC1322
Description  Keyboard and Embedded Controller for Notebook PC
PDF  456 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MEC1322 Datasheet(HTML) 356 Page - Microchip Technology

Back Button MEC1322 Datasheet HTML 352Page - Microchip Technology MEC1322 Datasheet HTML 353Page - Microchip Technology MEC1322 Datasheet HTML 354Page - Microchip Technology MEC1322 Datasheet HTML 355Page - Microchip Technology MEC1322 Datasheet HTML 356Page - Microchip Technology MEC1322 Datasheet HTML 357Page - Microchip Technology MEC1322 Datasheet HTML 358Page - Microchip Technology MEC1322 Datasheet HTML 359Page - Microchip Technology MEC1322 Datasheet HTML 360Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 356 / 456 page
background image
MEC1322
DS00001719D-page 356
 2014 - 2015 Microchip Technology Inc.
30.11.2
KSI INPUT REGISTER
30.11.3
KSI STATUS REGISTER
0Bh
KSO11
0Ch
KSO12
0Dh
KSO13
0Eh
KSO14
0Fh
KSO15
10h
KSO16
11h
KSO17
TABLE 30-9:
KEYBOARD SCAN OUT CONTROL SUMMARY
KSO_INVERTt
KSEN
KSO_ALL
KSO_SELECT
Description
X
1
x
x
Keyboard Scan disabled. KSO[17:0]
output buffers disabled.
0
0
0
10001b-00000b
KSO[Drive Selected] driven low. All
others driven high
1
0
0
10001b-00000b
KSO[Drive Selected] driven high. All
others driven low
0
0
0
11111b-10010b
All KSO’s driven high
1
0
0
11111b-10010b
All KSO’s driven low
0
0
1
x
All KSO’s driven high
1
0
1
x
All KSO’s driven low
Offset
08h
Bits
Description
Type
Default
Reset
Event
31:8 Reserved
R
-
-
7:0 KSI
This field returns the current state of the KSI pins.
R
0h
VCC1_R
ESET
Offset
0Ch
Bits
Description
Type
Default
Reset
Event
31:8 Reserved
R
-
-
7:0 KSI_STATUS
Each bit in this field is set on the falling edge of the corresponding
KSI input pin.
A KSI interrupt is generated when its corresponding status bit and
interrupt enable bit are both set. KSI interrupts are logically ORed
together to produce KSC_INT and KSC_INT_WAKE.
Writing a ‘1’ to a bit will clear it. Writing a ‘0’ to a bit has no effect.
R/WC
0h
VCC1_R
ESET
TABLE 30-8:
KSO SELECT DECODE (CONTINUED)
KSO Select [4:0]
KSO Selected



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com