Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MEC1322 Datasheet(PDF) 368 Page - Microchip Technology

Part # MEC1322
Description  Keyboard and Embedded Controller for Notebook PC
PDF  456 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MEC1322 Datasheet(HTML) 368 Page - Microchip Technology

Back Button MEC1322 Datasheet HTML 364Page - Microchip Technology MEC1322 Datasheet HTML 365Page - Microchip Technology MEC1322 Datasheet HTML 366Page - Microchip Technology MEC1322 Datasheet HTML 367Page - Microchip Technology MEC1322 Datasheet HTML 368Page - Microchip Technology MEC1322 Datasheet HTML 369Page - Microchip Technology MEC1322 Datasheet HTML 370Page - Microchip Technology MEC1322 Datasheet HTML 371Page - Microchip Technology MEC1322 Datasheet HTML 372Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 368 / 456 page
background image
MEC1322
DS00001719D-page 368
 2014 - 2015 Microchip Technology Inc.
33.0 ANALOG TO DIGITAL CONVERTER
33.1
Introduction
This block is designed to convert external analog voltage readings into digital values. It consists of a single successive-
approximation Analog-Digital Converter that can be shared among five inputs.
33.2
References
No references have been cited for this chapter
33.3
Terminology
No terminology is defined for this chapter
33.4
Interface
This block is designed to be accessed externally via the pin interface and internally via a registered host interface.
33.5
Signal Description
The Signal Description Table lists the signals that are typically routed to the pin interface.
Note:
Transitions on ADC GPIOs are not permitted when Analog to Digital Converter readings are being taken.
FIGURE 33-1:
I/O DIAGRAM OF BLOCK
TABLE 33-1:
SIGNAL DESCRIPTION TABLE
Name
Direction
Description
ADC 4:0
Input
ADC Analog Voltage Input 4:0 from pins
Note:
VREF_ADC, the Analog Voltage Reference of 3.0V, is internally generated in the IP block.
Signal Description
Analog to Digital Converter
Interrupts
Power, Clocks and Reset
Host Interface



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com