Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MEC1322 Datasheet(PDF) 372 Page - Microchip Technology

Part # MEC1322
Description  Keyboard and Embedded Controller for Notebook PC
PDF  456 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MEC1322 Datasheet(HTML) 372 Page - Microchip Technology

Back Button MEC1322 Datasheet HTML 368Page - Microchip Technology MEC1322 Datasheet HTML 369Page - Microchip Technology MEC1322 Datasheet HTML 370Page - Microchip Technology MEC1322 Datasheet HTML 371Page - Microchip Technology MEC1322 Datasheet HTML 372Page - Microchip Technology MEC1322 Datasheet HTML 373Page - Microchip Technology MEC1322 Datasheet HTML 374Page - Microchip Technology MEC1322 Datasheet HTML 375Page - Microchip Technology MEC1322 Datasheet HTML 376Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 372 / 456 page
background image
MEC1322
DS00001719D-page 372
 2014 - 2015 Microchip Technology Inc.
33.11.1
ADC CONTROL REGISTER
The ADC Control Register is used to control the behavior of the Analog to Digital Converter.
Offset
00h
Bits
Description
Type
Default
Reset
Event
31:8 RESERVED
RES
7 Single_Done_Status
This bit is cleared when it is written with a 1. Writing a 0 to this bit
has no effect.
This bit can be used to generate an EC interrupt.
0: ADC single-sample conversion is not complete. This bit is cleared
whenever an ADC conversion cycle begins for a single conversion
cycle.
1: ADC single-sample conversion is completed. This bit is set to 1
when all enabled channels in the single conversion cycle.
R/WC
0h
VCC1_R
ESET
6 Repeat_Done_Status
This bit is cleared when it is written with a 1. Writing a 0 to this bit
has no effect.
This bit can be used to generate an EC interrupt.
0: ADC repeat-sample conversion is not complete. This bit is cleared
whenever an ADC conversion cycle begins for a repeating conver-
sion cycle.
1: ADC repeat-sample conversion is completed. This bit is set to 1
when all enabled channels in a repeating conversion cycle com-
plete.
R/WC
0h
VCC1_R
ESET
5 RESERVED
RES
4 Soft Reset
1: writing one causes a reset of the ADC block hardware (not the
registers)
0: writing zero takes the ADC block out of reset
R/W
0h
VCC1_R
ESET
3 Power_Saver_Dis
0: Power saving feature is enabled. The Analog to Digital Converter
controller powers down the ADC between conversion sequences.
1: Power saving feature is disabled.
R/W
0h
VCC1_R
ESET
2 Start_Repeat
0: The ADC Repeat Mode is disabled. Note: This setting will not ter-
minate any conversion cycle in process, but will inhibit any further
periodic conversions.
1: The ADC Repeat Mode is enabled. This setting will start a conver-
sion cycle of all ADC channels enabled by bits Rpt_En[4:0] in the
ADC Repeat Register.
R/W
0h
VCC1_R
ESET
1 Start_Single
0: The ADC Single Mode is disabled.
1: The ADC Single Mode is enabled. This setting starts a single con-
version cycle of all ADC channels enabled by bits Single_En[4:0] in
the ADC Single Register.
Note:
This bit is self-clearing
R/W
0h
VCC1_R
ESET



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com