Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MEC1322 Datasheet(PDF) 373 Page - Microchip Technology

Part # MEC1322
Description  Keyboard and Embedded Controller for Notebook PC
PDF  456 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MEC1322 Datasheet(HTML) 373 Page - Microchip Technology

Back Button MEC1322 Datasheet HTML 369Page - Microchip Technology MEC1322 Datasheet HTML 370Page - Microchip Technology MEC1322 Datasheet HTML 371Page - Microchip Technology MEC1322 Datasheet HTML 372Page - Microchip Technology MEC1322 Datasheet HTML 373Page - Microchip Technology MEC1322 Datasheet HTML 374Page - Microchip Technology MEC1322 Datasheet HTML 375Page - Microchip Technology MEC1322 Datasheet HTML 376Page - Microchip Technology MEC1322 Datasheet HTML 377Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 373 / 456 page
background image
 2014 - 2015 Microchip Technology Inc.
DS00001719D-page 373
MEC1322
33.11.2
ADC DELAY REGISTER
The ADC Delay register determines the delay from setting Start_Repeat in the ADC Control Register and the start of a
conversion cycle. This register also controls the interval between conversion cycles in repeat mode.
33.11.3
ADC STATUS REGISTER
The ADC Status Register indicates whether the ADC has completed a conversion cycle.
0 Activate
0: The ADC is disabled and placed in its lowest power state. Note:
Any conversion cycle in process will complete before the block is
shut down, so that the reading registers will contain valid data but no
new conversion cycles will begin.
1: ADC block is enabled for operation. Start_Single or Start_Repeat
can begin data conversions by the ADC. Note: A reset pulse is sent
to the ADC core when this bit changes from 0 to 1.
R/W
0h
VCC1_R
ESET
Offset
04h
Bits
Description
Type
Default
Reset
Event
31:16 Repeat_Delay[15:0]
This field determines the interval between conversion cycles when
Start_Repeat is 1. The delay is in units of 40
μs. A value of 0 means
no delay between conversion cycles, and a value of 0xFFFF means
a delay of 2.6 seconds.
This field has no effect when Start_Single is written with a 1.
R/W
0000h
VCC1_R
ESET
15:0 Start_Delay[15:0]
This field determines the starting delay before a conversion cycle is
begun when Start_Repeat is written with a 1. The delay is in units of
40
μs. A value of 0 means no delay before the start of a conversion
cycle, and a value of 0xFFFF means a delay of 2.6 seconds.
This field has no effect when Start_Single is written with a 1.
R/W
0000h
VCC1_R
ESET
Offset
08h
Bits
Description
Type
Default
Reset
Event
31:5 RESERVED
RES
4:0 ADC_Ch_Status[4:0]
All bits are cleared by being written with a ‘1’.
0: conversion of the corresponding ADC channel is not complete
1: conversion of the corresponding ADC channel is complete
Note: for enabled single cycles, the Single_Done_Status bit in the
ADC Control Register is also set after all enabled channel conver-
sion are done; for enabled repeat cycles, the Repeat_Done_Status
in the ADC Control Register is also set after all enabled channel con-
version are done.
R/WC
00h
VCC1_R
ESET
Offset
00h
Bits
Description
Type
Default
Reset
Event



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com