Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MEC1322 Datasheet(PDF) 370 Page - Microchip Technology

Part # MEC1322
Description  Keyboard and Embedded Controller for Notebook PC
PDF  456 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MEC1322 Datasheet(HTML) 370 Page - Microchip Technology

Back Button MEC1322 Datasheet HTML 366Page - Microchip Technology MEC1322 Datasheet HTML 367Page - Microchip Technology MEC1322 Datasheet HTML 368Page - Microchip Technology MEC1322 Datasheet HTML 369Page - Microchip Technology MEC1322 Datasheet HTML 370Page - Microchip Technology MEC1322 Datasheet HTML 371Page - Microchip Technology MEC1322 Datasheet HTML 372Page - Microchip Technology MEC1322 Datasheet HTML 373Page - Microchip Technology MEC1322 Datasheet HTML 374Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 370 / 456 page
background image
MEC1322
DS00001719D-page 370
 2014 - 2015 Microchip Technology Inc.
33.10 Description
The MEC1322 features a five channel successive approximation Analog to Digital Converter. The ADC architecture fea-
tures excellent linearity and converts analog signals to 10 bit words. Conversion takes less than 12 microseconds per
10-bit word. The five channels are implemented with a single high speed ADC fed by a five input analog multiplexer.
The multiplexer cycles through the five voltage channels, starting with the lowest-numbered channel and proceeding to
the highest-number channel, selecting only those channels that are programmed to be active.
The input range on the voltage channels spans from 0V to the internal voltage reference. With an internal voltage ref-
erence of 3.0V, this provides resolutions of 2.9mV. The range can easily be extended with the aid of resistor dividers.
The accuracy of any voltage reading depends on the accuracy and stability of the voltage reference input.
The ADC conversion cycle starts either when the Start_Single bit in the ADC to set to 1 or when the ADC Repeat Timer
counts down to 0. When the Start_Single is set to 1 the conversion cycle converts channels enabled by configuration
bits in the ADC Single Register. When the Repeat Timer counts down to 0 the conversion cycle converts channels
enabled by configuration bits in the ADC Repeat Register. When both the Start_Single bit and the Repeat Timer request
conversions the Start_Single conversion is completed first.
Conversions always start with the lowest-numbered enabled channel and proceed to the highest-numbered enabled
channel.
33.10.1
REPEAT MODE
• Repeat Mode will start a conversion cycle of all ADC channels enabled by bits Rpt_En[4:0] in the ADC Repeat
Register. The conversion cycle will begin after a delay determined by Start_Delay[15:0] in the ADC Delay Regis-
ter.
FIGURE 33-2:
ADC BLOCK DIAGRAM
Note:
The ADC pins are 3.3V tolerant.
Note:
If software repeatedly sets Start_Single to 1 at a rate faster than the Repeat Timer count down interval, the
conversion cycle defined by the ADC Repeat Register will not be executed.
ADC BLOCK
ADC Reading Registers
ADC_Single_Int
Latch
Control
Logic
10-bit reading value
reading
Host Interface
MUX
ADC
Control
Analog Inputs
(
(
(
VREF
ADC_Repeat_Int
ADC_SLEEP_EN
ADC_CLK_REQ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com