Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MEC1322 Datasheet(PDF) 449 Page - Microchip Technology

Part # MEC1322
Description  Keyboard and Embedded Controller for Notebook PC
PDF  456 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MEC1322 Datasheet(HTML) 449 Page - Microchip Technology

Back Button MEC1322 Datasheet HTML 445Page - Microchip Technology MEC1322 Datasheet HTML 446Page - Microchip Technology MEC1322 Datasheet HTML 447Page - Microchip Technology MEC1322 Datasheet HTML 448Page - Microchip Technology MEC1322 Datasheet HTML 449Page - Microchip Technology MEC1322 Datasheet HTML 450Page - Microchip Technology MEC1322 Datasheet HTML 451Page - Microchip Technology MEC1322 Datasheet HTML 452Page - Microchip Technology MEC1322 Datasheet HTML 453Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 449 / 456 page
background image
 2014 - 2015 Microchip Technology Inc.
DS00001719D-page 449
MEC1322
400F251C
Mailbox Registers Inter-
face
0
MBX_EC_Only
Mailbox Register [Fh:Ch]
400F2520
Mailbox Registers Inter-
face
0
MBX_EC_Only
Mailbox Register [13h:10h]
400F2524
Mailbox Registers Inter-
face
0
MBX_EC_Only
Mailbox Register [17h:14h]
400F2528
Mailbox Registers Inter-
face
0
MBX_EC_Only
Mailbox Register [1Bh:18h]
400F252C
Mailbox Registers Inter-
face
0
MBX_EC_Only
Mailbox Register [1Fh:1Ch]
400F2530
Mailbox Registers Inter-
face
0
MBX_EC_Only
Mailbox Register [23h:20h]
400F2534
Mailbox Registers Inter-
face
0
MBX_EC_Only
Mailbox Register [27h:24h]
400F2538
Mailbox Registers Inter-
face
0
MBX_EC_Only
Mailbox Register [2Ah:28h]
400F2C00
RTC
0
RTC
Seconds
400F2C01
RTC
0
RTC
Seconds Alarm
400F2C02
RTC
0
RTC
Minutes
400F2C03
RTC
0
RTC
Minutes Alarm
400F2C04
RTC
0
RTC
Hours
400F2C05
RTC
0
RTC
Hours Alarm
400F2C06
RTC
0
RTC
Day of Week
400F2C07
RTC
0
RTC
Day of Month
400F2C08
RTC
0
RTC
Month
400F2C09
RTC
0
RTC
Year
400F2C0A
RTC
0
RTC
Register A
400F2C0B
RTC
0
RTC
Register B
400F2C0C
RTC
0
RTC
Register C
400F2C0D
RTC
0
RTC
Register D
400F2C10
RTC
0
RTC
RTC Control
400F2C14
RTC
0
RTC
Week Alarm
400F2C18
RTC
0
RTC
Daylight Savings Forward
400F2C1C
RTC
0
RTC
Daylight Savings Backward
400F2C20
RTC
0
RTC
RTC Test Mode
400F3000
LPC
0
LPC_Runtime
Configuration Port Index
Register
400F3001
LPC
0
LPC_Runtime
Configuration Port Data
Register
400F3100
LPC
0
LPC_EC_Only
Reserved
400F3104
LPC
0
LPC_EC_Only
LPC Bus Monitor Register
400F3108
LPC
0
LPC_EC_Only
Host Bus Error Register
400F310C
LPC
0
LPC_EC_Only
EC SERIRQ Register
400F3110
LPC
0
LPC_EC_Only
EC Clock Control Register
400F3114
LPC
0
LPC_EC_Only
Reserved
400F3118
LPC
0
LPC_EC_Only
Reserved
Address
(Hex)
HW Block Instance
Name
HW Block
Instance No.
Reg. Bank Name
Reg. Instance Name



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com