Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MEC1322 Datasheet(PDF) 452 Page - Microchip Technology

Part # MEC1322
Description  Keyboard and Embedded Controller for Notebook PC
PDF  456 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MEC1322 Datasheet(HTML) 452 Page - Microchip Technology

Back Button MEC1322 Datasheet HTML 448Page - Microchip Technology MEC1322 Datasheet HTML 449Page - Microchip Technology MEC1322 Datasheet HTML 450Page - Microchip Technology MEC1322 Datasheet HTML 451Page - Microchip Technology MEC1322 Datasheet HTML 452Page - Microchip Technology MEC1322 Datasheet HTML 453Page - Microchip Technology MEC1322 Datasheet HTML 454Page - Microchip Technology MEC1322 Datasheet HTML 455Page - Microchip Technology MEC1322 Datasheet HTML 456Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 452 / 456 page
background image
MEC1322
DS00001719D-page 452
 2014 - 2015 Microchip Technology Inc.
APPENDIX A: REVISION HISTORY
TABLE A-1:
DATA SHEET REVISION HISTORY
Revision
Section/Figure/Entry
Correction
DS00001719D (09-14-15
Table 37-1, "Absolute Maximum Ther-
mal Ratings", Table 37-8, "Thermal
Operating Conditions" and Table 37-
10, "VCC1 Supply Current, I_VCC1"
Updated tables to add Industrial tem-
perature information.
Table 37-11, "VBAT Supply Current,
I_VBAT (VBAT=3.0V)" and Table 37-
12, "VBAT Supply Current, I_VBAT
(VBAT=3.3V)"
Updated tables to remove internal
32kHz oscillator information.
Product Identification System
Added industrial ordering information.
DS00001719C (06-15-15)
Table 27-9, "EC-Only Register Base
Address Table"
Updated Base addresses
Table 15-3, "Interrupt Event Aggrega-
tor Routing Summary" and Table 15-
22, "Bit definitions for GIRQ19
Source, Enable, and Result Registers"
Updated locations for LRESET# and
VCC_PWRGD bits
Section 29.15.4, "PS2 Status Regis-
ter"
Updated description of REC_TIMEOUT
bit
Table 37-8, "Thermal Operating Con-
ditions" and Table 37-9, "Thermal
Packaging Characteristics"
Updated tables.
Product Features
Added 144 WFBGA package
Table 1-3, "MEC1322 144 WFBGA
Pin Configuration",
Figure 1-1, "MEC1322 PIN NAME TO
144-PIN WFBGA BALL MAPPING
(TOP)" and Figure 1-5, "144-pin
WFBGA Package Outline"
Added 144 WFBGA pinout and package
drawing.
Product Identification System
Added 144 WFBGA package ordering
information
Section 8.0, "RAM and ROM"
Described the distinction between
SRAM optimized for instructions and
optimized for data.
Section 20.7, "Pin Multiplexing Con-
trol"
Updated note on GPIO pins that do not
exist in the 128 pin package.
DS00001719B (06-03-14)
Throughout document
PIS page
Features
Part number changed from MEC1322/
24 to MEC1322.
“C0” added to package information
Sub-bullet added following “LPC Inter-
face”: “Supports LPC Bus frequencies of
19MHz to 33MHz”.
DS00001719A (04-14-14)
REV A - Document Release



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com