Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MEC1322 Datasheet(PDF) 454 Page - Microchip Technology

Part # MEC1322
Description  Keyboard and Embedded Controller for Notebook PC
PDF  456 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MEC1322 Datasheet(HTML) 454 Page - Microchip Technology

Back Button MEC1322 Datasheet HTML 448Page - Microchip Technology MEC1322 Datasheet HTML 449Page - Microchip Technology MEC1322 Datasheet HTML 450Page - Microchip Technology MEC1322 Datasheet HTML 451Page - Microchip Technology MEC1322 Datasheet HTML 452Page - Microchip Technology MEC1322 Datasheet HTML 453Page - Microchip Technology MEC1322 Datasheet HTML 454Page - Microchip Technology MEC1322 Datasheet HTML 455Page - Microchip Technology MEC1322 Datasheet HTML 456Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 454 / 456 page
background image
MEC1322
DS00001719D-page 454
 2014 - 2015 Microchip Technology Inc.
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office
.
PART NO.(1)
XXX(2)
Package
Device
Device:
MEC1322(1)
Temperature
Range:
Blank =
Commercial 0oC to 70oC
I
=
Industrial -40oC to 85oC
Package:
NU
=
128 pin VTQFP(2)
LZY
=
132 pin DQFN(2)
SZ
=
144 pin WFBGA(2)
ROM Version:
C0
= Standard ROM
Tape and Reel
Option:
Blank = Tray packaging
TR
= Tape and Reel(3)
Examples:
a)
MEC1322-NU-C0 = 128-pin VTQFP, Commercial
b)
MEC1322I-LZY-C0 = 132-pin DQFN, Industrial
c)
MEC1322-SZ-C0 = 144-pin WFBGA, Commercial
XX
ROM
Version
-
Note 3:
Tape and Reel identifier only appears in the
catalog part number description. This identi-
fier is used for ordering purposes and is not
printed on the device package. Check with
your Microchip Sales Office for package
availability with the Tape and Reel option.
Note 2:
All package options are RoHS compliant.
For RoHS compliance and environmental
information, please visit
http://www.micro
chip.com/pagehandler/en-us/aboutus/
ehs.html .
Note 1:
These products meet the halogen maximum
concentration values per IEC61249-2-21.
-
-
[X](3)
Tape and Reel
Option
XX
Temperature
Range



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com