Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD1001 Datasheet(PDF) 30 Page - Microchip Technology

Part # UPD1001
Description  USB Power Delivery Controller
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UPD1001 Datasheet(HTML) 30 Page - Microchip Technology

Back Button UPD1001 Datasheet HTML 26Page - Microchip Technology UPD1001 Datasheet HTML 27Page - Microchip Technology UPD1001 Datasheet HTML 28Page - Microchip Technology UPD1001 Datasheet HTML 29Page - Microchip Technology UPD1001 Datasheet HTML 30Page - Microchip Technology UPD1001 Datasheet HTML 31Page - Microchip Technology UPD1001 Datasheet HTML 32Page - Microchip Technology UPD1001 Datasheet HTML 33Page - Microchip Technology UPD1001 Datasheet HTML 34Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 42 page
background image
UPD1001
DS00001759B-page 30
 2014 Microchip Technology Inc.
3.5.4.1
Erase Example
To perform a SCTR_ERASE, 32BLK_ERASE, or 64BLK_ERASE, the device writes 0x20, 0x52, or 0xD8, respectively
to the first byte of the command buffer, followed by a 3-byte address. The length of the transfer is set to 4 bytes. To do
this, the device first drops SPI_ROM_CE_N, then counts out 8 clocks. It then puts out the 8 bits of command, followed
by 24 bits of address of the location to be erased on the SPI_ROM_DO pin. When the transfer is complete, the
SPI_ROM_CE_N goes high, while the SPI_ROM_DI line is ignored in this example.
3.5.4.2
Byte Program Example
To perform a Byte Program, the device writes 0x02 to the first byte of the command buffer, followed by a 3-byte address
of the location that will be written to, and one data byte. The length of the transfer is set to 5 bytes. The device first drops
SPI_ROM_CE_N, 8 bits of command are clocked out, followed by 24 bits of address, and one byte of data on the
SPI_ROM_DO pin. The SPI_ROM_DI line is not used in this example.
FIGURE 3-7:
SPI ROM ERASE SEQUENCE
FIGURE 3-8:
SPI ROM BYTE PROGRAM
SPI_ROM_CE_N
SPI_ROM_CLK
16
23 24
31
15
12 3 4
05
7
6
ADD.
SPI_ROM_DO
SPI_ROM_DI
8
Command
MSB
MSB
ADD.
ADD.
HIGH IMPEDANCE
SPI_ROM_CE_N
SPI_ROM_CLK
16
23 24
31
15
39
12 3 4
05
7
6
0x00
SPI_ROM_DO
SPI_ROM_DI
8
0xDB
MSB
MSB
0xFE
/0xFF
Data
MSB
LSB
32
HIGH IMPEDANCE
0xBF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com