Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD1001 Datasheet(PDF) 14 Page - Microchip Technology

Part # UPD1001
Description  USB Power Delivery Controller
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UPD1001 Datasheet(HTML) 14 Page - Microchip Technology

Back Button UPD1001 Datasheet HTML 10Page - Microchip Technology UPD1001 Datasheet HTML 11Page - Microchip Technology UPD1001 Datasheet HTML 12Page - Microchip Technology UPD1001 Datasheet HTML 13Page - Microchip Technology UPD1001 Datasheet HTML 14Page - Microchip Technology UPD1001 Datasheet HTML 15Page - Microchip Technology UPD1001 Datasheet HTML 16Page - Microchip Technology UPD1001 Datasheet HTML 17Page - Microchip Technology UPD1001 Datasheet HTML 18Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 42 page
background image
UPD1001
DS00001759B-page 14
 2014 Microchip Technology Inc.
Insertion
Detect
INSERTION_DETECT
IS
(PU)
This active low input signal should be connected to the
Insertion Detect pin on the USB Standard-A (STD-A)
receptacle. This signal is pulled high via an internal pull-
up resistor by default. Assertion (low value) qualifies a
STD-A plug insertion event and triggers transition out of
the “Startup” state of the Source Policy engine.
The device firmware implements cold socket detection
using the INSERTION_DETECT signal. Even when
operating as a provider, if the signal is high, the device
will not output voltage on VBUS. VSafe5V will only be
output upon assertion of this signal (low).
Note:
Cold socket (insertion detect) is an optional
feature in the USB PD specification. If this fea-
ture is not being used in a design, the INSER-
TION_DETECT signal must be grounded.
Note:
This function is only available in specific
device configurations.
Dead Battery
Enable
VSAFEDB_EN
O8
This active high output signal is used to enable the dead
battery supply on a USB Standard-B (STD-B) receptacle
(consumer/provider) AC adapter. When no voltage has
been detected on VBUS, this signal is asserted every
10 s to back power an attached provider/consumer and
determine whether the attached device has specified to
be powered per the dead battery mechanisms specified
in the PD specification.
Note:
This function is only available in specific
device configurations.
Bulk
Capacitance
Enable
BULK_CAP
O8
This active high output signal is used to enable/disable
the source bulk capacitance charging. In dual-role ports it
is used to disable the bulk capacitance when operating as
a consumer.
Note:
This function is only available in specific
device configurations.
System Fault
Detect
IFAULT
IS
This active high signal is used by the power supplying
device to notify when a system fault condition has
occurred. This input is typically used for an over-current
or over-voltage condition, but can be used for any system
related failure. An external comparator should be used to
filter any external noise on this input. The device firmware
automatically handles all power exceptions by shutting
down the power supply, re-enabling it, and restarting PD
negotiation until successful.
Note:
The board design must ensure this signal is in
a valid state by the time PD_EN_N asserts.
System Reset
RESET_N
IS
(PU)
System reset. This signal is active low.
Test
TEST
IS
Test signal. This signal is used for internal purposes only
and must be connected to ground through a 1 K resistor
for normal operation.
TABLE 2-2:
PIN DESCRIPTIONS (CONTINUED)
Name
Symbol
Buffer
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com