Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD1001 Datasheet(PDF) 20 Page - Microchip Technology

Part # UPD1001
Description  USB Power Delivery Controller
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UPD1001 Datasheet(HTML) 20 Page - Microchip Technology

Back Button UPD1001 Datasheet HTML 16Page - Microchip Technology UPD1001 Datasheet HTML 17Page - Microchip Technology UPD1001 Datasheet HTML 18Page - Microchip Technology UPD1001 Datasheet HTML 19Page - Microchip Technology UPD1001 Datasheet HTML 20Page - Microchip Technology UPD1001 Datasheet HTML 21Page - Microchip Technology UPD1001 Datasheet HTML 22Page - Microchip Technology UPD1001 Datasheet HTML 23Page - Microchip Technology UPD1001 Datasheet HTML 24Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 42 page
background image
UPD1001
DS00001759B-page 20
 2014 Microchip Technology Inc.
3.3
Configuration Selection (CFG_SEL0/CFG_SEL1)
The UPD1001 provides a resistor/capacitor identification detection interface which is utilized to set various device con-
figuration parameters via the Configuration Select pins:
• CFG_SEL0
• CFG_SEL1
Each Configuration Select pin can discriminate a number of quantized RC constants. The judicious selection of RC val-
ues provides a low cost means for system element configuration identification. The Configuration Select pins measure
the charge/discharge time for the RC circuit connected to it (shown in Figure 3-1), providing the ability to differentiate
16 unique “bins” for each Configuration Select pin. The resistor and capacitor values for each Configuration Select bin
are defined in Table 3-2.
Note:
CFG_SEL0 and CFG_SEL1 bin definitions are identical.
FIGURE 3-1:
CFG_SEL0/CFG_SEL1 RESISTOR-CAPACITOR CIRCUIT CONNECTIONS
TABLE 3-2:
CFG_SELX PIN RESISTOR-CAPACITOR BIN ALLOCATION
Bin
Rx (+/-1%)
Cx (+/-5%)
12.70 k
Ω
None
22.70 k
Ω
470 pF
34.87 k
Ω
470 pF
48.66 k
Ω
470 pF
5
15.40 k
Ω
470 pF
62.70 k
Ω
4.7 nF
74.87 k
Ω
4.7 nF
88.66 k
Ω
4.7 nF
9
15.40 k
Ω
4.7 nF
10
2.70 k
Ω
47.0 nF
11
4.87 k
Ω
47.0 nF
12
8.66 k
Ω
47.0 nF
13
15.40 k
Ω
47.0 nF
14
2.70 k
Ω
470 nF
15
4.87 k
Ω
470 nF
16
8.66 k
Ω
470 nF
VDDIO
R1
C1
CFG_SEL0
Microchip
UPD1001
VDDIO
R2
C2
CFG_SEL1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com