Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDC2114RGHT Datasheet(PDF) 18 Page - Texas Instruments

Click here to check the latest version.
Part # FDC2114RGHT
Description  Capacitance-to-Digital Converter for Proximity Level Sensing Applications
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

FDC2114RGHT Datasheet(HTML) 18 Page - Texas Instruments

Back Button FDC2114RGHT Datasheet HTML 14Page - Texas Instruments FDC2114RGHT Datasheet HTML 15Page - Texas Instruments FDC2114RGHT Datasheet HTML 16Page - Texas Instruments FDC2114RGHT Datasheet HTML 17Page - Texas Instruments FDC2114RGHT Datasheet HTML 18Page - Texas Instruments FDC2114RGHT Datasheet HTML 19Page - Texas Instruments FDC2114RGHT Datasheet HTML 20Page - Texas Instruments FDC2114RGHT Datasheet HTML 21Page - Texas Instruments FDC2114RGHT Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 60 page
background image
15
12
11
8
7
4
3
0
Conversion result
11
0
Output_gain = 0x3
11
0
Output_gain = 0x2
11
0
Output_gain = 0x1
11
0
Output_gain = 0x0
(default)
MSB
LSB
11
0
Data available in DATA_MSB_CHx.DATA_CHx [11:0]
FDC2212, FDC2214, FDC2112, FDC2114
SNOSCZ5A – JUNE 2015 – REVISED JUNE 2015
www.ti.com
Figure 15. Conversion Data Output Gain
For systems in which the sensor signal variation is less than 25% of the full-scale range, the FDC can report
conversion results with higher resolution by setting the Output Gain. The Output Gain is applied to all device
channels. An output gain can be used to apply a 2-bit, 3-bit, or 4-bit shift to the output code for all channels,
allowing access to the 4 LSBs of the original 16-bit result. The MSBs of the sample are shifted out when a gain is
applied. Do not use the output gain if the MSBs of any active channel are toggling, as the MSBs for that channel
will be lost when gain is applied.
Example: If the conversion result for a channel is 0x07A3, with OUTPUT_GAIN=0x0, the reported output code is
0x07A. If OUTPUT_GAIN is set to 0x3 in the same condition, then the reported output code is 0x7A3. The
original 4 MSBs (0x0) are no longer accessible.
Table 7. Output Gain Register (FDC2112 and FDC2114 only)
EFFECTIVE
CHANNEL(1)
REGISTER
FIELD [ BIT(S) ]
VALUES
OUTPUT RANGE
RESOLUTION (BITS)
00 (default): Gain =1 (0 bits
12
100% full scale
shift)
01: Gain = 4 (2 bits left
14
25% full scale
shift)
RESET_DEV, addr
OUTPUT_GAIN [
All
0x1C
10:9 ]
10: Gain = 8 (3 bits left
15
12.5% full scale
shift)
11 : Gain = 16 (4 bits left
16
6.25% full scale
shift)
(1)
Channels 2 and 3 are available for FDC2114 only.
An offset value may be subtracted from each DATA value to compensate for a frequency offset or maximize the
dynamic range of the sample data. The offset values should be < fSENSORx_MIN / fREFx. Otherwise, the offset might
be so large that it masks the LSBs which are changing.
18
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
Product Folder Links: FDC2212 FDC2214 FDC2112 FDC2114



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com