Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDC2114RGHT Datasheet(PDF) 43 Page - Texas Instruments

Click here to check the latest version.
Part # FDC2114RGHT
Description  Capacitance-to-Digital Converter for Proximity Level Sensing Applications
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

FDC2114RGHT Datasheet(HTML) 43 Page - Texas Instruments

Back Button FDC2114RGHT Datasheet HTML 39Page - Texas Instruments FDC2114RGHT Datasheet HTML 40Page - Texas Instruments FDC2114RGHT Datasheet HTML 41Page - Texas Instruments FDC2114RGHT Datasheet HTML 42Page - Texas Instruments FDC2114RGHT Datasheet HTML 43Page - Texas Instruments FDC2114RGHT Datasheet HTML 44Page - Texas Instruments FDC2114RGHT Datasheet HTML 45Page - Texas Instruments FDC2114RGHT Datasheet HTML 46Page - Texas Instruments FDC2114RGHT Datasheet HTML 47Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 60 page
background image
FDC2212, FDC2214, FDC2112, FDC2114
www.ti.com
SNOSCZ5A – JUNE 2015 – REVISED JUNE 2015
Typical Application (continued)
(c) Set the CH0_RCOUNT register (0x08) to 0x2089.
6. Use the default values for the ERROR_CONFIG register (address 0x19). By default, no interrupts are
enabled
7. Program the MUX_CONFIG register
(a) Set the AUTOSCAN_EN to b1 bit to enable sequential mode
(b) Set RR_SEQUENCE to b10 to enable data conversion on three channels (channel 0, channel 1, channel
2)
(c) Set DEGLITCH to b101 to set the input deglitch filter bandwidth to 10MHz, the lowest setting that
exceeds the oscillation tank frequency.
(d) The combined value for the MUX_CONFIG register (address 0x1B) is 0xC20D
8. Finally, program the CONFIG register as follows:
(a) Set the ACTIVE_CHAN field to b00 to select channel 0.
(b) Set SLEEP_MODE_EN field to b0 to enable conversion.
(c) Set SENSOR_ACTIVATE_SEL = b0, for full current drive during sensor activation
(d) Set the REF_CLK_SRC field to b1 to use the external clock source.
(e) Set the other fields to their default values.
(f) The combined value for the CONFIG register (address 0x1A) is 0x1601.
We then read the conversion results for channel 0 to channel 2 every 10ms from register addresses 0x00 to
0x05.
Based on the example configuration above, the following register write sequence is recommended:
Table 47. Recommended Initial Register Configuration Values (Multi-channel Operation)
ADDRESS
VALUE
REGISTER NAME
COMMENTS
0x08
0x8329
RCOUNT_CH0
Reference count calculated from timing requirements (100 SPS) and
resolution requirements
0x09
0x8329
RCOUNT_CH1
Reference count calculated from timing requirements (100 SPS) and
resolution requirements
0x0A
0x8329
RCOUNT_CH2
Reference count calculated from timing requirements (100 SPS) and
resolution requirements
0x10
0x000A
SETTLECOUNT_CH0
Minimum settling time for chosen sensor
0x11
0x000A
SETTLECOUNT_CH1
Minimum settling time for chosen sensor
0x12
0x000A
SETTLECOUNT_CH2
Minimum settling time for chosen sensor
0x14
0x2002
CLOCK_DIVIDER_CH0
CH0_FIN_DIVIDER = 1, CH0_FREF_DIVIDER = 2
0x15
0x2002
CLOCK_DIVIDER_CH1
CH1_FIN_DIVIDER = 1, CH1_FREF_DIVIDER = 2
0x16
0x2002
CLOCK_DIVIDER_CH2
CH1_FIN_DIVIDER = 1, CH1_FREF_DIVIDER = 2
0x19
0x0000
ERROR_CONFIG
Can be changed from default to report status and error conditions
0x1B
0xC20D
MUX_CONFIG
Enable Ch 0 , Ch 1, and Ch 2 (sequential mode), set Input deglitch
bandwidth to 10MHz
0x1E
0x7C00
DRIVE_CURRENT_CH0 Sets sensor drive current on ch 0
0x1F
0x7C00
DRIVE_CURRENT_CH1 Sets sensor drive current on ch 1
0x20
0x7C00
DRIVE_CURRENT_CH2 Sets sensor drive current on ch 2
0x1A
0x1601
CONFIG
enable full current drive during sensor activation, select external clock
source, wake up device to start conversion. This register write must occur
last because device configuration is not permitted while the FDC is in active
mode.
10.2.3.3 Inductor Self-Resonant Frequency
Every inductor has a distributed parasitic capacitance, which is dependent on construction and geometry. At the
Self-Resonant Frequency (SRF), the reactance of the inductor cancels the reactance of the parasitic
capacitance. Above the SRF, the inductor will electrically appear to be a capacitor. Because the parasitic
capacitance is not well-controlled or stable, it is recommended that: fSENSOR < 0.8 × fSR.
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
43
Product Folder Links: FDC2212 FDC2214 FDC2112 FDC2114



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com