Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDC2114RGHT Datasheet(PDF) 41 Page - Texas Instruments

Click here to check the latest version.
Part # FDC2114RGHT
Description  Capacitance-to-Digital Converter for Proximity Level Sensing Applications
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

FDC2114RGHT Datasheet(HTML) 41 Page - Texas Instruments

Back Button FDC2114RGHT Datasheet HTML 37Page - Texas Instruments FDC2114RGHT Datasheet HTML 38Page - Texas Instruments FDC2114RGHT Datasheet HTML 39Page - Texas Instruments FDC2114RGHT Datasheet HTML 40Page - Texas Instruments FDC2114RGHT Datasheet HTML 41Page - Texas Instruments FDC2114RGHT Datasheet HTML 42Page - Texas Instruments FDC2114RGHT Datasheet HTML 43Page - Texas Instruments FDC2114RGHT Datasheet HTML 44Page - Texas Instruments FDC2114RGHT Datasheet HTML 45Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 60 page
background image
ENVIRONMENTAL
SENSOR
LIQUID
SENSOR
LEVEL
SENSOR
IN0A
IN0B
IN1A
IN1B
FDC2114 / FDC2214
VDD
GND
SCL
SDA
Int. Osc.
ADDR
INTB
SD
GND
MCU
VDD
3.3 V
3.3 V
GPIO
GPIO
0.1 F 1 F
Core
Resonant
circuit driver
Resonant
circuit driver
I
2C
I
2C
peripheral
3.3 V
CLKIN
40 MHz
L
Cap
Sensor 0
C
L
Cap
Sensor 1
C
IN2A
IN2B
IN3A
IN3B
Resonant
circuit driver
Resonant
circuit driver
L
Cap
Sensor 2
C
FDC2212, FDC2214, FDC2112, FDC2114
www.ti.com
SNOSCZ5A – JUNE 2015 – REVISED JUNE 2015
Typical Application (continued)
10.2.1 Schematic
Figure 56. FDC (Liquid Level Measurement)
10.2.2 Design Requirements
The liquid level measurement should be independent of the liquid, which can be achieved using the 3-electrode
design described above. Moreover, the sensor should be isolated from environmental interferers such as a
human body, other objects, or EMI.
10.2.3 Detailed Design Procedure
In capacitive sensing systems, the design of the sensor plays an important role in determining system
performance and capabilities. In most cases the sensor is simply a metal plate that can be designed on the PCB.
The sensor used in this example is implemented with a two-layer PCB. On the top layer, which faces the tank,
there are the 3 electrodes (Reference Environmental, Reference Liquid, and Level) with a ground plane
surrounding the electrodes.
Depending on the shape of the container, the FDC can be located on the sensor PCB to minimize the length of
the traces between the input channels and the sensors. In case the shape of the container or other mechanical
constraints do not allow having the sensors and the FDC on the same PCB, the traces which connect the
channels to the sensor need to be shielded with the appropriate shield.
10.2.3.1 Application Performance Plot
A liquid level sensor with 3 electrodes like the one shown in the schematic was connected to the EVM. The plot
shows the capacitance measured by Level sensor at different levels of liquid in the tank. The capacitance of the
Reference Liquid and Reference Environmental sensors have a steady value because they experience
consistent exposure to liquid and air, while the capacitance of the level sensor (Level) increases linearly with the
height of the liquid in the tank.
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
41
Product Folder Links: FDC2212 FDC2214 FDC2112 FDC2114



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com