Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDC2114RGHT Datasheet(PDF) 30 Page - Texas Instruments

Click here to check the latest version.
Part # FDC2114RGHT
Description  Capacitance-to-Digital Converter for Proximity Level Sensing Applications
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

FDC2114RGHT Datasheet(HTML) 30 Page - Texas Instruments

Back Button FDC2114RGHT Datasheet HTML 26Page - Texas Instruments FDC2114RGHT Datasheet HTML 27Page - Texas Instruments FDC2114RGHT Datasheet HTML 28Page - Texas Instruments FDC2114RGHT Datasheet HTML 29Page - Texas Instruments FDC2114RGHT Datasheet HTML 30Page - Texas Instruments FDC2114RGHT Datasheet HTML 31Page - Texas Instruments FDC2114RGHT Datasheet HTML 32Page - Texas Instruments FDC2114RGHT Datasheet HTML 33Page - Texas Instruments FDC2114RGHT Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 60 page
background image
FDC2212, FDC2214, FDC2112, FDC2114
SNOSCZ5A – JUNE 2015 – REVISED JUNE 2015
www.ti.com
9.6.22 Address 0x14, CLOCK_DIVIDERS_CH0
Figure 39. Address 0x14, CLOCK_DIVIDERS_CH0
15
14
13
12
11
10
9
8
RESERVED
CH0_FIN_SEL
RESERVED
CH0_FREF_DIVIDER
7
6
5
4
3
2
1
0
CH0_FREF_DIVIDER
Table 32. Address 0x14, CLOCK_DIVIDERS_CH0 Field Descriptions
Bit
Field
Type
Reset
Description
15:14
RESERVED
R/W
00
Reserved. Set to b00.
00
Channel 0 Sensor frequency select
for differential sensor configuration:
b01: divide by 1. Choose for sensor frequencies between
0.01MHz and 8.75MHz
13:12
CH0_FIN_SEL
R/W
b10: divide by 2. Choose for sensor frequencies between 5MHz
and 10MHz
for single-ended sensor configuration:
b10: divide by 2. Choose for sensor frequencies between
0.01MHz and 10MHz
11:10
RESERVED
R/W
00
Reserved. Set to b00.
00 0000
Channel 0 Reference Divider Sets the divider for Channel 0
0000
reference. Use this to scale the maximum conversion frequency.
9:0
CH0_FREF_DIVIDER
R/W
b00’0000’0000: Reserved. Do not use.
CH0_FREF_DIVIDER
≥b00’0000’0001: fREF0 =
fCLK/CH0_FREF_DIVIDER
9.6.23 Address 0x15, CLOCK_DIVIDERS_CH1
Figure 40. Address 0x15, CLOCK_DIVIDERS_CH1
15
14
13
12
11
10
9
8
RESERVED
CH1_FIN_SEL
RESERVED
CH1_FREF_DIVIDER
7
6
5
4
3
2
1
0
CH1_FREF_DIVIDER
Table 33. Address 0x15, CLOCK_DIVIDERS_CH1 Field Descriptions
Bit
Field
Type
Reset
Description
15:14
RESERVED
R/W
00
Reserved. Set to b00.
0000
Channel 1 Sensor frequency select
for differential sensor configuration:
b01: divide by 1. Choose for sensor frequencies between
0.01MHz and 8.75MHz
13:12
CH1_FIN_SEL
R/W
b10: divide by 2. Choose for sensor frequencies between 5MHz
and 10MHz
for single-ended sensor configuration:
b10: divide by 2. Choose for sensor frequencies between
0.01MHz and 10MHz
11:10
RESERVED
R/W
00
Reserved. Set to b00.
00 0000
Channel 1 Reference Divider Sets the divider for Channel 1
0000
reference. Use this to scale the maximum conversion frequency.
9:0
CH1_FREF_DIVIDER
R/W
b00’0000’0000: Reserved. Do not use.
CH1_FREF_DIVIDER
≥ b00’0000’0001: fREF1 =
fCLK/CH1_FREF_DIVIDER
30
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
Product Folder Links: FDC2212 FDC2214 FDC2112 FDC2114



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com