Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L6699D Datasheet(PDF) 16 Page - STMicroelectronics

Part # L6699D
Description  Enhanced high voltage resonant controller
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6699D Datasheet(HTML) 16 Page - STMicroelectronics

Back Button L6699D Datasheet HTML 12Page - STMicroelectronics L6699D Datasheet HTML 13Page - STMicroelectronics L6699D Datasheet HTML 14Page - STMicroelectronics L6699D Datasheet HTML 15Page - STMicroelectronics L6699D Datasheet HTML 16Page - STMicroelectronics L6699D Datasheet HTML 17Page - STMicroelectronics L6699D Datasheet HTML 18Page - STMicroelectronics L6699D Datasheet HTML 19Page - STMicroelectronics L6699D Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 38 page
background image
Application information
L6699
16/38
Doc ID 022835 Rev 2
Note that the “Driving logic…” block sets a minimum deadtime TD_MIN (≈ 230 ns) below
which TD cannot go, to prevent simultaneous conduction of the high-side and the low-side
switch, and also a maximum deadtime TD_MAX to guarantee proper operation of the half
bridge. TD_MAX is internally set at either 700 ns or one fourth of the oscillator cycle,
whichever is shorter.
Figure 9.
Detailed view of deadtime during low-to-high transition of half bridge
midpoint
The actual deadtime TD that can be observed during operation does not depend only on the
adjustment circuit of
Figure 7. This fact can be explained with the aid of the oscilloscope
image shown in
Figure 9.
It illustrates a detailed view of the low-to-high transition of the half bridge midpoint
(waveform labeled HB) along with the high-side gate-drive (HVG), the low-side gate-drive
(LVG) and the oscillator voltage on pin CF (OSC). Obviously, the information that follows
applies to the high-to-low transition as well.
Figure 7.
Adaptive deadtime: principle
schematic
Figure 8.
Relevant timing diagrams



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com