Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L6699D Datasheet(PDF) 24 Page - STMicroelectronics

Part # L6699D
Description  Enhanced high voltage resonant controller
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6699D Datasheet(HTML) 24 Page - STMicroelectronics

Back Button L6699D Datasheet HTML 20Page - STMicroelectronics L6699D Datasheet HTML 21Page - STMicroelectronics L6699D Datasheet HTML 22Page - STMicroelectronics L6699D Datasheet HTML 23Page - STMicroelectronics L6699D Datasheet HTML 24Page - STMicroelectronics L6699D Datasheet HTML 25Page - STMicroelectronics L6699D Datasheet HTML 26Page - STMicroelectronics L6699D Datasheet HTML 27Page - STMicroelectronics L6699D Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 38 page
background image
Current sensing, OCP and OLP
L6699
24/38
Doc ID 022835 Rev 2
8
Current sensing, OCP and OLP
In the L6699 the current sense input ISEN (pin 6) senses the current flowing in the resonant
tank to perform multiple tasks:
1.
Primary overcurrent protection (OCP function).
2.
Hard-switching cycles prevention at startup (see
Section 6.3: Safe-start procedure).
3.
Capacitive-mode detection during operation (see
Section 9: Capacitive-mode detection
function).
In this section the discussion is concentrated on the OCP function.
Unlike PWM-controlled converters, where energy flow is controlled by the duty cycle of the
primary switch (or switches), in a resonant half bridge the duty cycle is fixed and energy flow
is controlled by its switching frequency. This has an impact on the way current limitation can
be realized. While in PWM-controlled converters energy flow can be limited simply by
terminating switch conduction in advance when the sensed current exceeds a preset
threshold (cycle-by-cycle limitation), in a resonant half bridge the most efficient way to
reduce an excessive current level is to increase the switching frequency, i.e. the oscillator
frequency.
In
Figure 18 and 19 a couple of current sensing methods are illustrated.
Note:
The L6699 must sense the instantaneous tank current for proper operation of the smooth
startup function and the capacitive-mode detection circuit. Therefore, if a smoothing RC
circuit (the one shown in the dashed box) is used to reduce the noise level on the ISEN pin,
its time constant RF CF should be in the range of 100 - 200 ns. With slightly longer time
constants it is recommended that converter operation close to the capacitive-mode
boundary and during short-circuit, as well as at the end of the smooth-start phase, be
checked for possible hard-switching cycles. With considerably longer time constants (> 200
ns) hard-switching under the above mentioned conditions becomes very likely.
Figure 18.
Current sensing techniques
with sense resistor
Figure 19.
Current sensing techniques
“lossless”, with capacitive
shunt



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com