Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L6699D Datasheet(PDF) 21 Page - STMicroelectronics

Part # L6699D
Description  Enhanced high voltage resonant controller
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6699D Datasheet(HTML) 21 Page - STMicroelectronics

Back Button L6699D Datasheet HTML 17Page - STMicroelectronics L6699D Datasheet HTML 18Page - STMicroelectronics L6699D Datasheet HTML 19Page - STMicroelectronics L6699D Datasheet HTML 20Page - STMicroelectronics L6699D Datasheet HTML 21Page - STMicroelectronics L6699D Datasheet HTML 22Page - STMicroelectronics L6699D Datasheet HTML 23Page - STMicroelectronics L6699D Datasheet HTML 24Page - STMicroelectronics L6699D Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 38 page
background image
L6699
Operation at no load or very light load
Doc ID 022835 Rev 2
21/38
7
Operation at no load or very light load
When the resonant half bridge is lightly loaded or totally unloaded, its switching frequency
reaches its maximum value. To keep the output voltage under control and avoid losing soft-
switching in these conditions, there must be some current flowing through the transformer's
magnetizing inductance. This current can be kept relatively low because of the adaptive
deadtime function; however, it produces power losses that prevent the converter's no load
consumption from achieving very low values anyhow.
To overcome this issue, the L6699 enables the user to make the converter operate
intermittently (burst-mode operation), with a series of a few switching cycles spaced out by
long idle periods where both MOSFETs are in the OFF-state, so that the average switching
frequency can be substantially reduced. As a result, the average value of the residual
magnetizing current and the associated losses is considerably cut down, therefore
facilitating the converter to comply with energy saving specifications.
The L6699 can be operated in burst-mode by using pin 5 (STBY): if the voltage applied to
this pin falls below 1.26 V, the IC enters an idle state where both gate-drive outputs are low,
the oscillator is stopped, the soft-start capacitor CSS keeps its charge and only the 2V
reference at the RFmin pin stays alive to minimize IC consumption and VCC capacitor
discharge. The IC resumes normal operation as the voltage on the pin exceeds 1.26 V by 30
mV.
In the L6699, the half bridge stops and restarts during burst-mode are more accurately
controlled with respect to its predecessors: the last cycle before stopping and the first cycle
after restarting are such that the DC voltage across the resonant capacitor Cr always stays
close to its steady-state value Vin/2. In this way, the anomalous current peaks due to V·s
unbalance in the transformer are minimized.
To implement burst-mode operation, the voltage applied to the STBY pin needs to be related
to the feedback loop.
Figure 14 shows the simplest implementation, suitable to a narrow
input voltage range (e.g. when there is a PFC front-end).
Essentially, RFmax defines the switching frequency fmax above which the L6699 enters burst-
mode operation. Once fmax is fixed, RFmax is found from the relationship:
Figure 14.
Narrow input voltage range
Figure 15.
Wide input voltage range



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com