Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L6699D Datasheet(PDF) 23 Page - STMicroelectronics

Part # L6699D
Description  Enhanced high voltage resonant controller
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6699D Datasheet(HTML) 23 Page - STMicroelectronics

Back Button L6699D Datasheet HTML 19Page - STMicroelectronics L6699D Datasheet HTML 20Page - STMicroelectronics L6699D Datasheet HTML 21Page - STMicroelectronics L6699D Datasheet HTML 22Page - STMicroelectronics L6699D Datasheet HTML 23Page - STMicroelectronics L6699D Datasheet HTML 24Page - STMicroelectronics L6699D Datasheet HTML 25Page - STMicroelectronics L6699D Datasheet HTML 26Page - STMicroelectronics L6699D Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 38 page
background image
L6699
Operation at no load or very light load
Doc ID 022835 Rev 2
23/38
Figure 17.
How the L6699 can switch off a PFC controller at light load
To help the user meet energy saving requirements even in power-factor-corrected systems,
where a PFC pre-regulator precedes the DC-DC converter, the L6699 allows that the PFC
pre-regulator can be turned off during burst-mode operation, therefore eliminating the no
load consumption of this stage (0.5
- 1 W). There is no compliance issue in that, because
EMC regulations on low-frequency harmonic emissions refer to nominal load, no limit is
envisaged when the converter operates with light or no load.
To do so, the L6699 provides pin 8 (PFC_STOP): it is an open drain output, normally open,
that is asserted low when the IC is idle during burst-mode operation. This signal is externally
used for switching off the PFC controller and the pre-regulator as shown in
Figure 17. When
the L6699 is in UVLO the pin is kept open to allow the PFC controller to start first.
The PFC_STOP pin is also used by some protection functions (OCP, OLP and latched
shutdown). Please refer to the relevant sections for more information.
AM11388v1
L6699
PFC_STOP
9
L6563S/H
L6564, L6564T/H
L4984
PFC_OK
(AC_OK)
L6699
PFC_STOP
9
L6562/2A
12
Vcc
ZCD (L6562)
INV (L6562A)
22 kW
100 kW
BC547
BC547



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com