Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STGIPS40W60L1 Datasheet(PDF) 7 Page - STMicroelectronics

Part # STGIPS40W60L1
Description  Dead time and interlocking function
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGIPS40W60L1 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STGIPS40W60L1 Datasheet HTML 3Page - STMicroelectronics STGIPS40W60L1 Datasheet HTML 4Page - STMicroelectronics STGIPS40W60L1 Datasheet HTML 5Page - STMicroelectronics STGIPS40W60L1 Datasheet HTML 6Page - STMicroelectronics STGIPS40W60L1 Datasheet HTML 7Page - STMicroelectronics STGIPS40W60L1 Datasheet HTML 8Page - STMicroelectronics STGIPS40W60L1 Datasheet HTML 9Page - STMicroelectronics STGIPS40W60L1 Datasheet HTML 10Page - STMicroelectronics STGIPS40W60L1 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
STGIPS40W60L1
Electrical characteristics
Doc ID 018866 Rev 3
7/21
3
Electrical characteristics
TJ = 25 °C unless otherwise specified.
Table 7.
Inverter part
Symbol
Parameter
Test conditions
Value
Unit
Min.
Typ.
Max.
VCE(sat)
Collector-emitter
saturation voltage
VCC = Vboot = 15 V, VIN = 1 "logic
state", IC = 30 A
-2.0
2.5
V
VCC = Vboot = 15 V, VIN = 1 "logic
state", IC = 30 A, TJ = 125 °C
-1.7
ICES
Collector-cut off current
(VIN = 0 "logic state")
VCE = 550 V, VCC = VBoot = 15 V,
-
500
µA
VF
Diode forward voltage
VIN = 0 "logic state", IF = 30A
-
2.5
V
Switching on/off (inductive load) (1)
ton
Turn-on time
VDD = 410 V,
VCC = Vboot = 15 V,
VIN = 1 "logic state" (see Table 13)
IC = 30 A (see Figure 4 and 5)
-
410
-
ns
tc(on)
Crossover time (on)
-
80
-
toff
Turn-off time
-
320
-
tc(off)
Crossover time (off)
-
125
-
trr
Reverse recovery time
-
115
-
Eon
Turn-on switching losses
-
585
-
µJ
Eoff
Turn-off switching losses
-
600
-
di/dt(on)
Rate of rise of on-state
current
VDD = 410 V, VCC = Vboot = 15 V,
VIN = 1 "logic state" (see Table 13),
IC = 80 A (see Figure 4 and 5)
-
2500
-
A/µs
ton
Turn-on time
VDD = 410 V,
VCC = Vboot = 15 V,
VIN = 1 "logic state" (see Table 13)
IC = 30 A, TJ = 125 °C
(see
Figure 4 and 5)
-
550
-
ns
tc(on)
Crossover time (on)
-
110
-
toff
Turn-off time
-
420
-
tc(off)
Crossover time (off)
-
140
-
trr
Reverse recovery time
-
150
-
Eon
Turn-on switching losses
-
930
-
µJ
Eoff
Turn-off switching losses
-
780
-
di/dt(on)
Rate of rise of on-state
current
VDD = 410 V,
VCC = Vboot = 15 V,
VIN = 1 "logic state" (see Table 13)
IC = 80 A, TJ = 125 °C
(see
Figure 4 and 5)
-
2100
-
A/µs
1.
tON and tOFF include the propagation delay time of the internal drive. tC(ON) and tC(OFF) are the switching time of IGBT itself
under the internally given gate driving condition. Parameter values take into account a 20 nH stray inductance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com