Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STGIPS40W60L1 Datasheet(PDF) 12 Page - STMicroelectronics

Part # STGIPS40W60L1
Description  Dead time and interlocking function
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGIPS40W60L1 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button STGIPS40W60L1 Datasheet HTML 8Page - STMicroelectronics STGIPS40W60L1 Datasheet HTML 9Page - STMicroelectronics STGIPS40W60L1 Datasheet HTML 10Page - STMicroelectronics STGIPS40W60L1 Datasheet HTML 11Page - STMicroelectronics STGIPS40W60L1 Datasheet HTML 12Page - STMicroelectronics STGIPS40W60L1 Datasheet HTML 13Page - STMicroelectronics STGIPS40W60L1 Datasheet HTML 14Page - STMicroelectronics STGIPS40W60L1 Datasheet HTML 15Page - STMicroelectronics STGIPS40W60L1 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 21 page
background image
Electrical characteristics
STGIPS40W60L1
12/21
Doc ID 018866 Rev 3
3.1.1
NTC thermistor
Equation 1: resistance variation vs. temperature
Where T are temperatures in Kelvins
Table 14.
NTC thermistor
Symbol
Parameter
Test conditions
Min.
Typ. Max. Unit.
R25
Resistance
TC = 25°C
4.7
k
Ω
R125
Resistance
TC = 125°C
160
Ω
B
B-constant
TC = 25°C
3950
K
T
Operating temperature
-40
150
°C
Figure 6.
NTC resistance vs. temperature
RT
()
R
25
e
B
1
T
---
1
298
----------
–
⎝⎠
⎛⎞
⋅
=
0.01
0.1
1
10
100
-50
0
50
100
T (°C)
R (k
Ω)
AM07843v1
0.01
0.1
1
10
100
-50
0
50
100
T (°C)
R (k
Ω)
AM07843v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com