Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STGIPS40W60L1 Datasheet(PDF) 4 Page - STMicroelectronics

Part # STGIPS40W60L1
Description  Dead time and interlocking function
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGIPS40W60L1 Datasheet(HTML) 4 Page - STMicroelectronics

  STGIPS40W60L1 Datasheet HTML 1Page - STMicroelectronics STGIPS40W60L1 Datasheet HTML 2Page - STMicroelectronics STGIPS40W60L1 Datasheet HTML 3Page - STMicroelectronics STGIPS40W60L1 Datasheet HTML 4Page - STMicroelectronics STGIPS40W60L1 Datasheet HTML 5Page - STMicroelectronics STGIPS40W60L1 Datasheet HTML 6Page - STMicroelectronics STGIPS40W60L1 Datasheet HTML 7Page - STMicroelectronics STGIPS40W60L1 Datasheet HTML 8Page - STMicroelectronics STGIPS40W60L1 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
Internal schematic diagram and pin configuration
STGIPS40W60L1
4/21
Doc ID 018866 Rev 3
Figure 2.
Pin layout (bottom view)
Table 2.
Pin description
Pin
Symbol
Description
1OUTPHASE
PHASE reference output
2Vboot
Bootstrap voltage
3
NC
Not connected
4T1
NTC thermistor terminal 1
5T2
NTC thermistor terminal 2
6LIN
Low side logic input
7SD/OD
Shutdown logic input (active low) / open drain (comparator output)
8
HIN
High side logic input
9
DT
Dead time setting
10
OP-
Op amp inverting input
11
OPOUT
Op amp output
12
OP+
Op amp non inverting input
13
VCC
Low voltage power supply
14
CIN
Comparator input
15
GND
Ground
16
GND
Ground
17
N
Negative DC input
18
N
Negative DC input
19
PHASE
Phase output
20
PHASE
Phase output
21
P
Positive DC input
22
P
Positive DC input
AM06017v1
Marking area



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com