Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN65DP149 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # SN65DP149
Description  3.4 Gbps DP to HDMI Retimer
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN65DP149 Datasheet(HTML) 21 Page - Texas Instruments

Back Button SN65DP149 Datasheet HTML 17Page - Texas Instruments SN65DP149 Datasheet HTML 18Page - Texas Instruments SN65DP149 Datasheet HTML 19Page - Texas Instruments SN65DP149 Datasheet HTML 20Page - Texas Instruments SN65DP149 Datasheet HTML 21Page - Texas Instruments SN65DP149 Datasheet HTML 22Page - Texas Instruments SN65DP149 Datasheet HTML 23Page - Texas Instruments SN65DP149 Datasheet HTML 24Page - Texas Instruments SN65DP149 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 52 page
background image
IN_CLKp
IN_CLKn
IN_D[2:0]p
IN_D[2:0]n
50Q
50Q
50Q
50Q
Control Block, I2C Registers
Local I2C
Control
I2C_EN/PIN
EQ_SEL/A0
PRE_SEL
Data Registers
SWAP
PLL
PLL Control
SERDES
VBIAS
VBIAS
A0
A1
EQ_SEL
HDMI_SEL
OUT_CLKp
OUT_D[2:0]p
OUT_CLKn
OUT_D[2:0]n
EQ
EQ
EQ_CTL
SDA_CTL
SCL_CTL
VSADJ
SLEW_CTL
OE
HDMI_SEL/A1
TERM_SEL
SLEW_SEL
PRE_SEL
Enable
TMDS
TMDS
ACTIVE DDC BLOCK
HPD_SNK
HPD_SRC
190<Q
SDA_SRC
SCL_SRC
SDA_SNK
SCL_SNK
GND
VDD
VCC
1.1V
3.3V
VREG
SN65DP149, SN75DP149
www.ti.com
SLLSEL2A – SEPTEMBER 2015 – REVISED DECEMBER 2015
8 Detailed Description
8.1 Overview
The SNx5DP149 device is a Dual Mode[1] DisplayPort retiming level shifter that supports data rates up to 3.4-
Gbps for HDMI1.4b. The device takes in AC coupled HDMI/DVI signals and level shifts them to TMDS signals
while compensating for loss and jitter through its receiver equalizer and retiming functions. The SNx5DP149 in
default configuration should meet most system needs but also provides features that allow the system
implementer flexibility in design. Programming can be accomplished through I2C[4] or pin strapping.
8.2 Functional Block Diagram
8.3 Feature Description
8.3.1 Reset Implementation
When OE is de-asserted, control signal inputs are ignored; the Dual Mode[1] DisplayPort inputs and outputs are
high impedance. It is critical to transition the OE input from a low level to a high level after the VCC supply has
reached the minimum recommended operating voltage. Achieve this transition by a control signal to the OE
input, or by an external capacitor connected between OE and GND. To ensure that the SNx5DP149 device is
properly reset, the OE pin must be de-asserted for at least 100-
μs before being asserted. When OE is toggled in
this manner the device is reset. This requires the device to be reprogrammed if it was originally programmed
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Links: SN65DP149 SN75DP149



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com