Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN65DP149 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # SN65DP149
Description  3.4 Gbps DP to HDMI Retimer
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN65DP149 Datasheet(HTML) 13 Page - Texas Instruments

Back Button SN65DP149 Datasheet HTML 9Page - Texas Instruments SN65DP149 Datasheet HTML 10Page - Texas Instruments SN65DP149 Datasheet HTML 11Page - Texas Instruments SN65DP149 Datasheet HTML 12Page - Texas Instruments SN65DP149 Datasheet HTML 13Page - Texas Instruments SN65DP149 Datasheet HTML 14Page - Texas Instruments SN65DP149 Datasheet HTML 15Page - Texas Instruments SN65DP149 Datasheet HTML 16Page - Texas Instruments SN65DP149 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 52 page
background image
SN65DP149, SN75DP149
www.ti.com
SLLSEL2A – SEPTEMBER 2015 – REVISED DECEMBER 2015
7.12 DDC and I
2C Switching Characteristics
over recommended operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tr
Rise time of both SDA and SCL signals
Vcc = 3.3-V
300
ns
tf
Fall time of both SDA and SCL signals
300
ns
tHIGH
Pulse duration, SCL high
0.6
μs
tLOW
Pulse duration, SCL low
1.3
μs
tSU1
Setup time, SDA to SCL
100
ns
tST, STA
Setup time, SCL to start condition
0.6
μs
tHD,STA
Hold time, start condition to SCL
0.6
μs
tST,STO
Setup time, SCL to stop condition
0.6
μs
t(BUF)
Bus free time between stop and start condition.
1.3
μs
Source-to-sink: 100-kbps pattern;
tPLH1
Propagation delay time, low-to-high-level output Cb(Sink) = 400-pF(1);
360
ns
See Figure 14
tPHL1
Propagation delay time, high-to-low-level output
230
ns
Sink to Source: 100-kbps pattern;
tPLH2
Propagation delay time, low-to-high-level output Cb(Source) = 100-pF(1);
250
ns
See Figure 15
tPHL2
Propagation delay time, high-to-low-level output
200
ns
(1)
Cb = total capacitance of one bus line in pF.
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: SN65DP149 SN75DP149



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com