Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN65DP149 Datasheet(PDF) 32 Page - Texas Instruments

Click here to check the latest version.
Part # SN65DP149
Description  3.4 Gbps DP to HDMI Retimer
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN65DP149 Datasheet(HTML) 32 Page - Texas Instruments

Back Button SN65DP149 Datasheet HTML 28Page - Texas Instruments SN65DP149 Datasheet HTML 29Page - Texas Instruments SN65DP149 Datasheet HTML 30Page - Texas Instruments SN65DP149 Datasheet HTML 31Page - Texas Instruments SN65DP149 Datasheet HTML 32Page - Texas Instruments SN65DP149 Datasheet HTML 33Page - Texas Instruments SN65DP149 Datasheet HTML 34Page - Texas Instruments SN65DP149 Datasheet HTML 35Page - Texas Instruments SN65DP149 Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 52 page
background image
SN65DP149, SN75DP149
SLLSEL2A – SEPTEMBER 2015 – REVISED DECEMBER 2015
www.ti.com
Table 7. Misc Control (continued)
ADDRESS
BIT
DEFAULT DESCRIPTION
ACCESS
Application Mode Selection
0 – Source (default) - Set the adaptive EQ mid point to between 6.5-dB and 7.5-dB
7
1’b0
RW
1 – Sink - Sets the adaptive EQ starting point to between 12-dB and 13-dB
HPDSNK_GATE_EN: This field sets the functional relationship between HPD_SNK and
HPD_SRC.
6
1’b0
RW
0 – HPD_SNK passed through to the HPD_SRC (default)
1 – HPD_SNK will not pass through to the HPD_SRC.
EQ_ADA_EN: this field enables the equalizer working state.
0 – Fixed EQ
5
1’b1
RWU
1 – Adaptive EQ (default)
Writes are ignored when I2C_EN/PIN = 0
EQ_EN: this field enables the receiver equalizer.
4
1’b1
RW
0 – EQ disabled
1 – EQ enable (default)
0Ah
3
1’b0
Reserved
RW
APPLY_RXTX_CHANGES , Self clearing write-only bit. Writing a 1 to this bit will apply new
slew, tx_term, twpst1, eqen, eqadapten, swing, eqftc, eqlev settings to the clock and data
2
1’b0
lanes. Writes to the respective registers do not take immediate effect. This bit does not need
W
to be written if I2C configuration occurs while OE or hpd_sink are low, I2C power down is
active.
DEV_FUNC_MODE: This field selects the device working function mode.
00 – Redriver mode across full range 250 Mbps to 3.4-Gbps
01 - Automatic redriver to retimer crossover at 1.0 Gbps (default)
10 - Reserved
1:0
2’b01
RW
11 - Retimer mode across full range 250 Mbps to 3.4-Gbps
When moving between the different modes, the device needs to toggle the power setting
from 1 to 0, then back to 1, for proper initializing of the crossover mode.
Mode Selection Definition: This bit lets the receiver know where the device is located in a system for the
purpose of centering the AEQ point. The SNx5DP149 is targeting the source application, so the default value is
0, which will center the EQ at 6.5 to 7.5-dB , see Table 9. If the SNx5DP149 is in a dock or sink application, the
value should be changed to a value of 1, which will center the EQ at 12 to 13-dB .
8.5.4.2.3
HDMI Control
Table 8. HDMI Control
ADDRESS
BIT
DEFAULT
DESCRIPTION
ACCESS
SLEW_CTL. Slew rate control.2’00 is fastest and 2’b11 is slowest
7:6
2’b00
RWU
Writes ignored when I2C_EN/PIN = 0
HDMI_SEL: Contro; Writes ignored when I2C_EN/PIN = 0l
0 – HDMI (default)
5
1’b0
RWU
1 – DVI
TX_TERM_CTL: Controls termination for HDMI TX
00 – No termination
0Bh
01 – 150 to 300-
Ω
4:3
2’b00
RWU
10 – Reserved
11 - Reserved
2
1’b0
Reserved
R
1
1’b0
. Reserved
R
0
1’b0
Reserved
R
32
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
Product Folder Links: SN65DP149 SN75DP149



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com